Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL6000L Datasheet(PDF) 13 Page - STMicroelectronics

Part # RHFL6000L
Description  2 A Rad-hard adjustable positive linear voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL6000L Datasheet(HTML) 13 Page - STMicroelectronics

Back Button RHFL6000L Datasheet HTML 9Page - STMicroelectronics RHFL6000L Datasheet HTML 10Page - STMicroelectronics RHFL6000L Datasheet HTML 11Page - STMicroelectronics RHFL6000L Datasheet HTML 12Page - STMicroelectronics RHFL6000L Datasheet HTML 13Page - STMicroelectronics RHFL6000L Datasheet HTML 14Page - STMicroelectronics RHFL6000L Datasheet HTML 15Page - STMicroelectronics RHFL6000L Datasheet HTML 16Page - STMicroelectronics RHFL6000L Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
7
Additional guidelines for SET mitigation
This section provides detailed design guidelines necessary to obtain the required performance against SET.
In this respect, we can identify two main areas for intervention: ground connection and external components
selection.
7.1
Ground connections
To achieve the best performance in terms of output voltage accuracy, noise immunity and robustness against
single event effects, it is recommended to implement a proper PCB layout by following the suggestions described
below.
According to qualitative simulations of single events, some very short SET (that is, a duration in the 100 ns
range) are strongly dependent on the stray inductances versus GND. The best solution to reduce the parasitic
inductance is the adoption of a GND plane (with separate power and sense paths where possible). By minimizing
the stray GND impedance, this approach is of great assistance in controlling the amplitude of the SET events
near the load.
If this solution is not applicable, we suggest using a star-bus topology, where the PCB reference GND connection
is close to the GND pin of the regulator.
To achieve a good GND sense, it is necessary to comply with the following rules:
connect the chip GND and the load one to a common point (used as star GND);
connect the power GND on the PCB to the star GND through an array of multiple vias;
for GND connectors/plugs: use separate plugs for power supply and testing probes;
connect I/O capacitors GND to the GND star by dedicated trace.
7.2
Capacitor selection
With reference to Figure 7. Heavy-ion test configuration for VOUT < 1.25 V, a combination of capacitors must be
present close to the I/O ports.
For the INPUT terminals, this may consist of a 150 μF bulk capacitor (CIN1), esr ~ 6 mΩ in parallel with a 100 nF
polyester one (CIN2). The latter is used for decoupling purposes.
For each of the two OUTPUT connections (pins 1, 2 and 6, 7) we suggest using a combination of a 150 μF bulk
capacitor with esr ~ 6 mΩ (COUT4, COUT5) in parallel with a polyester 100 nF one (COUT1, COUT2); the latter for
decoupling purposes.
These capacitors must be placed as close to the I/O terminals as possible with the bypass ones (CIn1, COUT1,2)
closer to the device to tackle stray PCB inductances related to the VIN/GND busses near to the device.
Regarding parts selection, we suggest the adoption of low-ESL, low ESR capacitors having characteristics similar
to those listed in Table 9. Still, for the bulk capacitors, using an array of paralleled capacitors works better than a
single component in limiting the intrinsic ESL (and thus against the short SETs).
RHFL6000L
Additional guidelines for SET mitigation
DS14125 - Rev 1
page 13/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com