Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL6000L Datasheet(PDF) 5 Page - STMicroelectronics

Part # RHFL6000L
Description  2 A Rad-hard adjustable positive linear voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL6000L Datasheet(HTML) 5 Page - STMicroelectronics

  RHFL6000L Datasheet HTML 1Page - STMicroelectronics RHFL6000L Datasheet HTML 2Page - STMicroelectronics RHFL6000L Datasheet HTML 3Page - STMicroelectronics RHFL6000L Datasheet HTML 4Page - STMicroelectronics RHFL6000L Datasheet HTML 5Page - STMicroelectronics RHFL6000L Datasheet HTML 6Page - STMicroelectronics RHFL6000L Datasheet HTML 7Page - STMicroelectronics RHFL6000L Datasheet HTML 8Page - STMicroelectronics RHFL6000L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
4
Electrical characteristics
TJ = 25 °C, VI - VO = 2.5 V, CI = CO = 10 μF (tantalum), unless otherwise specified.
Table 5. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VI
Operating input voltage
IO = 1 A, TJ = -55 to 125 °C
2.5
12
V
VADJ
Reference voltage
IO = 5 mA to 1 A, VO = Vadj, TJ = -55 to 125 °C,
VOUT ≥ 1.25 V
1.205 1.245 1.285
VFILT_C
Reference voltage
IO = 5 mA to 1 A, VO = VADJ,
TJ = -55 to 125 °C, IREF = 10 μA
1.205 1.245 1.285
ISHORT (1)
Output current limit
Adjustable by external resistor
1
3
A
∆VO/∆VI
Line regulation
VI = 2.5 V to 12 V, IO = 5 mA,
TJ = -55 °C to +125 °C
0.2
0.6
%
ΔVFILT_C/ΔVI
Line regulation on FILT_C
VI = 2.5 V to 12 V, IO = 5 mA,
TJ = -55 °C to +125 °C, VO = 0.6 V
0.2
0.6
∆VO / ∆IO
Load regulation
VI = 2.5 V, IO = 5 mA to 400 mA,
TJ = -55 °C to +125 °C,
0.6 V < Vo < 1.25 V
0.01
0.5
VI = 2.5 V, IO = 5mA to 1 A,
TJ = -55 °C to +125 °C,
0.6 V < Vo < 1.25 V
0.3
0.6
VI = 2.5 V, IO = 5 mA to 2 A,
TJ = -40 to 125 °C,
0.6 V < Vo < 1.25 V
0.6
VI = 3.0 V, IO = 5 mA to 2 A,
TJ = -55 to -40 °C,
0.6 V < Vo < 1.25 V
ZOUT (1)
Output impedance
IO = 100 mA DC and 20 mA rms
100
mΩ
Iq
Quiescent current
ON mode
VI = 2.5 V to 12 V, IO = 5 mA, TJ = +25 °C
15
mA
VI = 2.5 V to 12 V, IO = 30 mA, TJ = +25 °C
15
VI = 2.5 V to 12 V, IO = 300 mA, TJ = +25 °C
30
VI = 2.5 V to 12 V, IO = 1 A, TJ = +25 °C
60
VI = 2.5 V to 12 V, IO = 30 mA, TJ = -55 °C
15
VI = 2.5 V to 12 V, IO = 300 mA, TJ = -55 °C
35
VI = 2.5 V to 12 V, IO = 1 A, TJ = -55 °C
80
VI = 2.5 V to 12 V, IO = 30 mA, TJ = +125 °C
15
VI = 2.5 V to 12 V, IO = 300 mA, TJ = +125 °C
30
VI = 2.5 V to 12 V, IO = 1 A, TJ = +125 °C
50
IqOFF
Quiescent current
OFF mode
VI = 2.5 V, VINH = 2.4 V, OFF mode,
TJ = -55 to +125 °C
0.2
1
mA
RHFL6000L
Electrical characteristics
DS14125 - Rev 1
page 5/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com