Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL6000L Datasheet(PDF) 10 Page - STMicroelectronics

Part # RHFL6000L
Description  2 A Rad-hard adjustable positive linear voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL6000L Datasheet(HTML) 10 Page - STMicroelectronics

Back Button RHFL6000L Datasheet HTML 6Page - STMicroelectronics RHFL6000L Datasheet HTML 7Page - STMicroelectronics RHFL6000L Datasheet HTML 8Page - STMicroelectronics RHFL6000L Datasheet HTML 9Page - STMicroelectronics RHFL6000L Datasheet HTML 10Page - STMicroelectronics RHFL6000L Datasheet HTML 11Page - STMicroelectronics RHFL6000L Datasheet HTML 12Page - STMicroelectronics RHFL6000L Datasheet HTML 13Page - STMicroelectronics RHFL6000L Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
6
Radiations
6.1
Total ionizing dose (MIL-STD-883 test method 1019)
The products that are guaranteed in radiation within RHA QML-V system, fully comply with the MIL- STD-883test
method 1019 specification. The RHFL6000L is being RHA QML-V qualified. It is covered by similarity with
RHFL6000A tested and characterized in full compliance with the MIL-STD-883 specification, both below 10
mrad/s (low dose rate) and between 50 and 300 rad/s (high dose rate).
•
Testing is performed in accordance with MIL-prf-38535 and the test method 1019 of the MIL- STD-883 for
total ionizing dose (TID).
•
ELDRS characterization is performed on RHFL6000A in qualification only on both biased and unbiased
parts, on a sample of ten units from two different wafer lots.The RHFL6000L is covered by similarity.
•
Each wafer lot is tested at high dose rate only, in the worst bias case condition, based on the results
obtained during the initial qualification.
Table 6. TID tests results
Type
Conditions
Value
Unit
TID
50 rad(Si)/s high dose rate up to
300
krad
10 mrad(Si)/s low dose rate up to
300
ELDRS free up to
300
Output voltage radiation drift
From 0 krad to 300 krad at 50 rad/s, MIL-
STD-883J method 1019.9
< 1.1
ppm/krad
Quiescent current (ON-state)
From 0 krad to 300 krad at 50 rad/s, MIL-
STD-883J method 1019.9
VI = 2.5 V to 12 V, IO = 5 to 30 mA, TJ = - 55
to +125 °C
< 30
mA
6.2
Heavy-ions
The heavy-ion trials are performed on qualification lots only. No additional test is performed.
Focus was on the configuration for VO = 0.6 V but the results can be extrapolated to any VO < 1.25 V for the
expected accuracy, provided that the scheme shown in Figure 7. Heavy-ion test configuration for VOUT < 1.25 V
and the BOM list in Table 9 be adopted.
For VO ≥ 1.25 V, the conclusions obtained on the former RHFL6000A device apply if compliant with the guidelines
indicated in the AN5175 document.
Table 7. Heavy-ion results summarizes the results of heavy-ion tests.
Table 7. Heavy-ion results
Feature
Conditions
Value
Unit
SEL/B performance
LET = 120 MeV*cm2/mg VI = 12 V
No latch-up/burn-out
-
SET performance during events
LET = 120 MeV*cm2/mg; VI – VO = 2.5 V
(1); IOUT ≤ 1 A:
No SET above ± 3.3 %
% of VO
1. For VO < 1.25 V, the SET accuracy within X % is guaranteed only for VI - VO ≤ 2.5 V. For this, VI = 1.25 + 2.5 V = 3.75 V is
expected to be the max. limit of interest in the VO output range of concern.
SEL and SET performances described here below are related to the circuit configuration and bias conditions
shown in Figure 7. Heavy-ion test configuration for VOUT < 1.25 V and Table 8. Bias configurations and
Table 9. Test configurations.
RHFL6000L
Radiations
DS14125 - Rev 1
page 10/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com