Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL6000L Datasheet(PDF) 4 Page - STMicroelectronics

Part # RHFL6000L
Description  2 A Rad-hard adjustable positive linear voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL6000L Datasheet(HTML) 4 Page - STMicroelectronics

  RHFL6000L Datasheet HTML 1Page - STMicroelectronics RHFL6000L Datasheet HTML 2Page - STMicroelectronics RHFL6000L Datasheet HTML 3Page - STMicroelectronics RHFL6000L Datasheet HTML 4Page - STMicroelectronics RHFL6000L Datasheet HTML 5Page - STMicroelectronics RHFL6000L Datasheet HTML 6Page - STMicroelectronics RHFL6000L Datasheet HTML 7Page - STMicroelectronics RHFL6000L Datasheet HTML 8Page - STMicroelectronics RHFL6000L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
3
Maximum ratings
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC input voltage, VI-VGROUND
- 0.3 to 14
V
VO (1)
DC output voltage range
- 0.3 to (VI + 0.3)
V
VADJ (2)
Adjustable pin voltage
- 0.3 to (VO + 3.45)
V
IO
Continuous output current
2
A
VOCM (1)
Overcurrent monitor pin voltage vs. GND
- 0.3 to (Vi + 0.3)
V
VISC (1)
Current limit pin voltage vs. GND
- 0.3 to (Vi + 0.3)
V
INHIBIT (1)
Inhibit pin voltage
- 0.3 to (Vi + 0.3)
V
STAB
Stability capacitor pin voltage
- 0.3 to 1.5
V
FILT C
Filter capacitor pin voltage
- 0.3 to 1.3
V
IN+
Not inverting terminal of the error amplifier
- 0.3 to 1.3
V
TSTG
Storage temperature range
- 65 to +150
°C
TOP
Operating junction temperature range
- 55 to +125
°C
ESD
Human body model (HBM)
2
kV
Machine model (MM)
200
V
Charged device model (CDM)
500
V
1. Maximum voltage guaranteed to have zero current across the terminal.
2. To avoid risks of performance degradation.
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur. Functional
operation under these conditions is not implied.
Table 4. Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case, Flat-16P
8.3
°C/W
TSOLD
Maximum soldering temperature, 10 s
300
°C
RHFL6000L
Maximum ratings
DS14125 - Rev 1
page 4/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com