Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL6000L Datasheet(PDF) 3 Page - STMicroelectronics

Part # RHFL6000L
Description  2 A Rad-hard adjustable positive linear voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL6000L Datasheet(HTML) 3 Page - STMicroelectronics

  RHFL6000L Datasheet HTML 1Page - STMicroelectronics RHFL6000L Datasheet HTML 2Page - STMicroelectronics RHFL6000L Datasheet HTML 3Page - STMicroelectronics RHFL6000L Datasheet HTML 4Page - STMicroelectronics RHFL6000L Datasheet HTML 5Page - STMicroelectronics RHFL6000L Datasheet HTML 6Page - STMicroelectronics RHFL6000L Datasheet HTML 7Page - STMicroelectronics RHFL6000L Datasheet HTML 8Page - STMicroelectronics RHFL6000L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
2
Pin configuration
Figure 2. Pin configuration (top view)
Note:
The upper metallic package lid is connected to ground. The bottom metallization is electrically floating.
Table 1. Pin description
Pin name
Flat-16P
Pin description
VO (1)
1, 2, 6, 7 Output port of the regulator
VI (2)
3, 4, 5
Input port of the regulator
GND
12, 13
Ground
ISC
8
Current limit setting pin. Connect a resistor (Rsc) between this pin and VI to set the current limit
threshold.
OCM
10
Overcurrent monitor flag. Open collector, internally pulled up.
The signal on this pin goes to low logic level when the current limit activates.
INHIBIT
14
Device inhibit pin. Internally pulled down.
The regulator is off when this pin is set at high logic level.
ADJ/SENSE
15
Feedback pin
FILT C
9
Filter capacitor pin. An optional capacitor (Cfilt) can be connected between this pin and GND for SET
mitigation and noise purposes.
STAB
11
An optional R-C network can be connected between this pin and GND to tune the internal control
loop.
IN+
16
Non-Inverting input of the error amplifier
1. All the output pins must be connected together on the PCB.
2. All input pins must be connected together on the PCB.
Table 2. Recommended minimum and maximum operative conditions
Symbol
Parameter
Value
Unit
VI
DC input voltage, VI-VGROUND
2.5 to 12
V
VO
DC output voltage range
0.6 to 9
V
IO
Continuous output current
0 to 2
A
TA
Ambient operating temperature range
- 55 to +125
°C
RHFL6000L
Pin configuration
DS14125 - Rev 1
page 3/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com