Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL6000L Datasheet(PDF) 16 Page - STMicroelectronics

Part # RHFL6000L
Description  2 A Rad-hard adjustable positive linear voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL6000L Datasheet(HTML) 16 Page - STMicroelectronics

Back Button RHFL6000L Datasheet HTML 12Page - STMicroelectronics RHFL6000L Datasheet HTML 13Page - STMicroelectronics RHFL6000L Datasheet HTML 14Page - STMicroelectronics RHFL6000L Datasheet HTML 15Page - STMicroelectronics RHFL6000L Datasheet HTML 16Page - STMicroelectronics RHFL6000L Datasheet HTML 17Page - STMicroelectronics RHFL6000L Datasheet HTML 18Page - STMicroelectronics RHFL6000L Datasheet HTML 19Page - STMicroelectronics RHFL6000L Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
9
Application information
With reference to Figure 3a, to adjust the output voltage values VO > 1.25 V, the R2 resistor must be connected
between the VO and ADJ/SENSE pins. The R1 resistor must be connected between ADJ/SENSE and ground.
FILT_C and IN+ pins must be externally shorted together.
9.1
Reliability considerations
A reverse operation (supply voltage applied on Vo instead of Vi) could expose the device to degradation in its
regulation performances (line, load) when VO - VI ≥ 2 V.
The STAB pin is for tuning the control loop stability by a proper RC impedance put between this node and
GND. Powering this node with a low impedance source, for VI > 3.75 V the device could undergo regulation
performance degradation.
9.2
Notes on the 16-pin hermetic flat package
The RHFL6000L adjustable voltage regulator is available in a high thermal dissipation 16-pin hermetic FLAT
package, whose bottom flange is metallized to allow direct soldering or gluing to a heatsink (efficient thermal
conductivity). The upper metallic package lid is connected to ground. The bottom metallization is electrically
floating.
9.3
FPGA supply
FPGA devices are very sensitive to VDD transients beyond a few % of their nominal supply voltage (usually 1.5
V).
The RHFL6000L includes specific integrated circuitry designed to absorb the output transients under heavy-ion
beams, rendering it suitable for safe FPGA supply operation.
RHFL6000L
Application information
DS14125 - Rev 1
page 16/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com