Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL6000L Datasheet(PDF) 7 Page - STMicroelectronics

Part # RHFL6000L
Description  2 A Rad-hard adjustable positive linear voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL6000L Datasheet(HTML) 7 Page - STMicroelectronics

Back Button RHFL6000L Datasheet HTML 3Page - STMicroelectronics RHFL6000L Datasheet HTML 4Page - STMicroelectronics RHFL6000L Datasheet HTML 5Page - STMicroelectronics RHFL6000L Datasheet HTML 6Page - STMicroelectronics RHFL6000L Datasheet HTML 7Page - STMicroelectronics RHFL6000L Datasheet HTML 8Page - STMicroelectronics RHFL6000L Datasheet HTML 9Page - STMicroelectronics RHFL6000L Datasheet HTML 10Page - STMicroelectronics RHFL6000L Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
5
Typical application diagram
Figure 3. Typical application diagram for Vout > 1.25 V
Vi
INHIBIT
Isc
FILT C
GND
STAB
OCM
ADJ
Vo
RHFL6000L
OFF
ON
VIN
VOUT
IN+
R2
R1
Cin
Cfilt
Cout
Cbyp
Rsc
Rload
For VO > 1.25 V, the divider resistor pair R2 and R1 are tied between VO, ADJ/SENSE (middle point), and GND
pins respectively; FILT_C and IN+ pins are externally shorted (see Figure 3. Typical application diagram for Vout >
1.25 V). In this case, the arrangement of the feedback control loop is identical to the one used for generating VO >
1.25 V in the RHFL6000A device.
Figure 4. Typical application diagram for Vout = 1.25 V
Vi
INHIBIT
Isc
FILT C
GND
STAB
OCM
ADJ
Vo
RHFL6000L
OFF
ON
VIN
VOUT
IN+
Cin
Cfilt
Cout
Rsc
Rload
For VO = 1.25 V, FILT_C must be shorted to IN+ and VO to ADJ/SENSE terminals (see Figure 4. Typical
application diagram for Vout = 1.25 V). Also in this case, the arrangement of the feedback control loop is identical
to the one used for generating VO = 1.25 V in the RHFL6000A device.
RHFL6000L
Typical application diagram
DS14125 - Rev 1
page 7/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com