Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL6000L Datasheet(PDF) 23 Page - STMicroelectronics

Part # RHFL6000L
Description  2 A Rad-hard adjustable positive linear voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL6000L Datasheet(HTML) 23 Page - STMicroelectronics

Back Button RHFL6000L Datasheet HTML 19Page - STMicroelectronics RHFL6000L Datasheet HTML 20Page - STMicroelectronics RHFL6000L Datasheet HTML 21Page - STMicroelectronics RHFL6000L Datasheet HTML 22Page - STMicroelectronics RHFL6000L Datasheet HTML 23Page - STMicroelectronics RHFL6000L Datasheet HTML 24Page - STMicroelectronics RHFL6000L Datasheet HTML 25Page - STMicroelectronics RHFL6000L Datasheet HTML 26Page - STMicroelectronics RHFL6000L Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
12
Ordering information
Table 12. Order codes
Part number
SMD pin
Quality level
Package
Lead
finish
Marking (1)
Packing
RHFL6000LAKP1
-
Engineering
model
Flat-16P
Gold
RHFL6000LKPA1
Strip pack
RHFL6000LAKP01V
QML-V flight
Flat-16P
Gold
Strip pack
RHFL6000LAKP02V
QML-V flight
Flat-16P
Tin
Strip pack
1. Specific marking only. The full marking includes in addition: - for the engineering models: ST logo, date code, country of origin (FR) - for
QML flight parts: ST logo, date code, country of origin (FR), manufacturer code (CSTM), serial number of the part within the assembly lot.
Contact ST sales office for information about the specific conditions for:
1) Products in die form
2) Other quality levels
3) Tape and reel packing
12.1
Traceability information
Date code in formation is structured as described below:
Table 13. Date code
Model
Date code
EM
3yywwN
QML flight
yywwN
where:
•
yy = year
•
ww = week number
•
N = lot index in the week
12.2
Documentation
The table below gives a summary of the documentation provided with each type of product:
Table 14. Table of documentation by product
Quality level
Documentation
Engineering model
Certificate of conformance
QML-V flight
Certificate of conformance (including group C and D reference)
Precap report (100% high and low magnification)
SEM report
Screening summary
Group A summary (quality conformance inspection of electrical tests)
Group B summary (quality conformance inspection of mechanical tests)
Group E (quality conformance inspection of wafer lot radiation verification test)
RHFL6000L
Ordering information
DS14125 - Rev 1
page 23/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com