Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL6000L Datasheet(PDF) 22 Page - STMicroelectronics

Part # RHFL6000L
Description  2 A Rad-hard adjustable positive linear voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL6000L Datasheet(HTML) 22 Page - STMicroelectronics

Back Button RHFL6000L Datasheet HTML 18Page - STMicroelectronics RHFL6000L Datasheet HTML 19Page - STMicroelectronics RHFL6000L Datasheet HTML 20Page - STMicroelectronics RHFL6000L Datasheet HTML 21Page - STMicroelectronics RHFL6000L Datasheet HTML 22Page - STMicroelectronics RHFL6000L Datasheet HTML 23Page - STMicroelectronics RHFL6000L Datasheet HTML 24Page - STMicroelectronics RHFL6000L Datasheet HTML 25Page - STMicroelectronics RHFL6000L Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Table 11. FLAT-16P package mechanical data
Dim.
mm
Inch
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.42
2.88
0.095
0.113
b
0.38
0.48
0.015
0.019
c
0.10
0.18
0.004
0.007
D
9.71
10.11
0.382
0.398
E
6.71
7.11
0.264
0.280
E2
3.30
3.45
3.60
0.130
0.136
0.142
E3
0.76
0.030
e
1.27
0.050
L
6.35
7.36
0.250
0.290
Q
0.66
1.14
0.026
0.045
S1
0.13
0.005
RHFL6000L
FLAT-16P package information
DS14125 - Rev 1
page 22/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com