Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHFL6000L Datasheet(PDF) 6 Page - STMicroelectronics

Part # RHFL6000L
Description  2 A Rad-hard adjustable positive linear voltage regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL6000L Datasheet(HTML) 6 Page - STMicroelectronics

Back Button RHFL6000L Datasheet HTML 2Page - STMicroelectronics RHFL6000L Datasheet HTML 3Page - STMicroelectronics RHFL6000L Datasheet HTML 4Page - STMicroelectronics RHFL6000L Datasheet HTML 5Page - STMicroelectronics RHFL6000L Datasheet HTML 6Page - STMicroelectronics RHFL6000L Datasheet HTML 7Page - STMicroelectronics RHFL6000L Datasheet HTML 8Page - STMicroelectronics RHFL6000L Datasheet HTML 9Page - STMicroelectronics RHFL6000L Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Vd
Dropout voltage
IO = 400 mA, VO = 2.5 to 9 V, (+25 °C)
300
450
mV
IO = 400 mA, VO = 2.5 to 9 V, (-55 °C)
250
400
IO = 400 mA, VO = 2.5 to 9 V, (+125 °C)
350
550
IO = 1 A, VO = 2.5 to 9 V, (+25 °C)
570
800
IO = 1 A, VO = 2.5 to 9 V, (-55 °C)
470
700
IO = 1 A, VO = 2.5 to 9 V, (+125 °C)
700
900
IO = 2 A, VO = 2.5 to 9 V, (+25 °C)
550
IO = 2 A, VO = 2.5 to 9 V, (-55 °C)
500
IO = 2 A, VO = 2.5 to 9 V, (125 °C)
700
VINH(ON)
Inhibit voltage
IO = 5 mA, TJ = -55 to +125 °C
0.8
V
VINH(OFF)
Inhibit voltage
IO = 5 mA, TJ = -55 to +125 °C
2.4
SVR (1)
Supply voltage rejection
VI = VO +2.5 V ± 0.5 V,
VO = 3 V IO = 5 mA, f = 120 Hz
TA = 25 °C
60
70
dB
VI = VO +2.5 V ± 0.5 V,
VO = 3 V IO = 5 mA, f = 33 kHz
TA = 25 °C
30
40
ISH
Shutdown input current
VINH = 5 V
220
µA
VOCM
OCM pin voltage
Sinked IOCM = 24 mA active low
0.4
V
tPLH (1)
Inhibit propagation delay, turn-off
VI = VO +2.5 V,
VINH = from 0 V to 2.4 V,
IO = 400 mA,
VO = 3 V
30
µs
tPHL (1)
Inhibit propagation delay, turn-on
VI = VO +2.5 V,
VINH = from 2.4 V to 0 V,
IO = 400 mA, VO = 3 V
100
µs
eN (1)
Output noise voltage
B = 10 Hz to 100 kHz, Vout = 5 V
IO = 5 mA to 2 A, Cfilt = 22 µF
40
µVrms
B = 10 Hz to 100 kHz;
1.0 ≤ VO ≤ 1.25 V, Cfilt = 22 µF
IO = 5 mA to 2 A Iref = 10 μA
10
1. These values are guaranteed by design.
RHFL6000L
Electrical characteristics
DS14125 - Rev 1
page 6/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com