Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8600 Datasheet (PDF) - Aeroflex Circuit Technology

ACT8600 Datasheet PDF - Aeroflex Circuit Technology
Part # ACT8600
Download  ACT8600 Download
File Size   73.49 Kbytes
Page   5 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description ACT8600 - Rad Hard Dual Adjustable Positive & Negative Voltage Regulator

ACT8600 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT8600 Datasheet PDF - Aeroflex Circuit Technology

Part # ACT8600
Download  ACT8600 Click to download

File Size   73.49 Kbytes
Page   5 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description ACT8600 - Rad Hard Dual Adjustable Positive & Negative Voltage Regulator

ACT8600 Datasheet (HTML) - Aeroflex Circuit Technology


ACT8600 Product details

General Description

Aeroflex’s ACT8600 is a radiation hardened, Dual adjustable 6-terminal device containing a positive (LM117) and a negative (LM137) voltage regulator each capable of supplying in excess of 1.5A over an output voltage range of 1.2V to 37V. Each regulator is exceptionally easy to set-up, requiring only 2 external resistors to set the output voltage. The module design has been optimized for excellent regulation and low thermal transients. There is full electrical isolation between positive and negative regulators and each to the package.



COMMON FEATURES

■ Radiation 50K Total Dose

■ Output voltage adjustable from 1.2V to 37V

■ 1.5A output current

■ Current limit temperature independent

■ Line regulation .01% typ

■ Output short circuit protected

■ Packaging – Hermetic Metal

   •6 Leads, .65" x .42" x .200" Power Package

■ Industrial , Military and Space Temperature Range

■ DESC SMD – TBD



POSITIVE FEATURES

■ Load regulation 0.1% typ

■ Ripple rejection 80dB typ



NEGATIVE FEATURES

■ Load regulation 0.3% typ

■ Ripple rejection 77dB typ



 




Similar Part No. - ACT8600

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8600 ACTIVE-SEMI-ACT8600 Datasheet
776Kb / 50P
Advanced PMU for Ingenic JZ4760/60B/70 Processors
Rev 3, 15-Nov-12
ACT8600 ACTIVE-SEMI-ACT8600 Datasheet
775Kb / 51P
Advanced PMU for Ingenic JZ4760/60B/70 Processors
Rev 3, 15-Nov-12
ACT8600QJ162-T ACTIVE-SEMI-ACT8600QJ162-T Datasheet
776Kb / 50P
Advanced PMU for Ingenic JZ4760/60B/70 Processors
Rev 3, 15-Nov-12
ACT8600QJ162-T ACTIVE-SEMI-ACT8600QJ162-T Datasheet
775Kb / 51P
Advanced PMU for Ingenic JZ4760/60B/70 Processors
Rev 3, 15-Nov-12
ACT8600 ACTIVE-SEMI-ACT8600_14 Datasheet
775Kb / 51P
Advanced PMU for Ingenic JZ4760/60B/70 Processors
Rev 3, 15-Nov-12
More results


Similar Description - ACT8600

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913 STMICROELECTRONICS-RHFL4913_07 Datasheet
418Kb / 16P
Rad-Hard Adjustable positive voltage regulator
26-Jan-2007
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
Rad-hard adjustable positive voltage regulator
23-Nov-2007
RHFL7913A STMICROELECTRONICS-RHFL7913A Datasheet
360Kb / 19P
Rad-hard adjustable negative voltage regulator
26-Aug-2008
RHFL4913A STMICROELECTRONICS-RHFL4913A Datasheet
426Kb / 20P
Rad-hard adjustable positive voltage regulator
21-Jan-2010
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
Rad-hard adjustable positive voltage regulator
20-Aug-2012
RHFL7913A STMICROELECTRONICS-RHFL7913A_11 Datasheet
364Kb / 19P
Rad-hard adjustable negative voltage regulator
07-Dec-2011
RHFL6000A STMICROELECTRONICS-RHFL6000A Datasheet
1Mb / 31P
2 A rad-hard adjustable positive voltage regulator
12-Oct-2015
logo
Anaren Microwave
MSK5953RH ANAREN-MSK5953RH Datasheet
1Mb / 9P
RAD HARD DUAL POSITIVE LDO ADJ VOLTAGE REGULATOR
MSK5973RH ANAREN-MSK5973RH Datasheet
447Kb / 8P
RAD HARD 1.5A, NEGATIVE ADJUSTABLE LINEAR REGULATOR
logo
STMicroelectronics
RHFL6000L STMICROELECTRONICS-RHFL6000L Datasheet
1Mb / 28P
2 A Rad-hard adjustable positive linear voltage regulator
04-Nov-2022
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com