Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8600 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # ACT8600
Description  ACT8600 - Rad Hard Dual Adjustable Positive & Negative Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT8600 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  ACT8600 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT8600 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT8600 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT8600 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT8600 Datasheet HTML 5Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Aeroflex Circuit Technology
2
ACT8600 REV A 9/16/99 Plainview NY (516) 694-6700
Absolute Maximum Ratings
Parameter
Range
Units
Power Dissipation (PD)
20
W
Operating (Junction) Temperature Range
-55 to +150
°C
Lead Temperature (soldering, 10 sec)
300
°C
Storage Temperature Range
-65 to +150
°C
Input-Output Voltage Differential
40
V
Thermal Resistance (junction to case
ΘJC)
5
°C/W
ESD Rating
2
KV
NOTICE: Stresses above those listed under "Absolute Maximums Rating" may cause permanent damage to the device. These are stress
rating only; functional operation beyond the "Operation Conditions" is not recommended and extended exposure beyond the "Operation
Conditions" may effect device reliability.
Recommended Operating Conditions
Parameter
Range
Units
Output Voltage Range
Positive Voltage Regulator
Negative Voltage Regulator
1.2 to 37
-1.2 to -37
V dc
V dc
Ambient Operating Temperature Range
-55 to +125
°C
Input Voltage Range
Positive Voltage Regulator
Negative Voltage Regulator
4.25 to 41.25
-4.25 to -41.25
V dc
V dc
Positive Regulator
Electrical Performance Characteristics
(TA = -55°C to +125°C, IL = 8mA, Unless otherwise specified)
Parameter
Sym
Conditions
Min
Max
Units
Reference Voltage
VREF
VDIF = 3.0V, TA = + 25°C
1.2
1.3
V
VDIF = 3.3V
1.2
1.3
V
VDIF = 40V
1.2
1.3
V
Line Regulation
RLINE
3.0V < VDIF < 40V, VOUT = VREF, TA = + 25°C
-
±9
mV
3.3V < VDIF < 40V, VOUT = VREF
-
±23
mV
Load Regulation 1/
RLOAD
VDIF = 3.0V, 10mA < IL < 1.5A, TA = + 25°C
-
±15
mV
VDIF = 3.3V, 10mA < IL < 1.5A
-
±15
mV
VDIF = 40V, 10mA < IL < 300mA, TA = + 25°C
-
±15
mV
VDIF = 40V, 10mA < IL < 195mA
-
±15
mV
Thermal Regulation
VRTH
VIN = +14.6V, IL = 300mA, t = 20ms, PD = 20W,
TA = + 25°C
-
±16
mV
Ripple Rejection
RN
f = 120Hz, CADJ = 10µF, VOUT = VREF 2/
66
-
dB
Adjustment Pin Current
IADJ
VDIF = 3.0V, TA = + 25°C
-
100
µA
VDIF = 3.3V
-
100
µA
VDIF = 40V
-
100
µA
Adjustment Pin Current
Change
∆IADJ
VDIF = 3.0V, 10mA < IL < 1.5A, TA = + 25°C
-
±5
µA
VDIF = 3.3V, 10mA < IL < 1.5A
-
±5
µA
VDIF = 40V, 10mA < IL < 300mA, TA = + 25°C
-
±5
µA
VDIF = 40V, 10mA < IL < 195mA
-
±5
µA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com