Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8600 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # ACT8600
Description  ACT8600 - Rad Hard Dual Adjustable Positive & Negative Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT8600 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  ACT8600 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT8600 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT8600 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT8600 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT8600 Datasheet HTML 5Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Aeroflex Circuit Technology
3
ACT8600 REV A 9/16/99 Plainview NY (516) 694-6700
Adjustment Pin Current
Change con’t
∆IADJ
3V < VDIFF < 40V, TA = + 25°C
-
±5
µA
3.3V < VDIFF < 40V
-
±5
µA
Minimum Load Current
ILMIN
VDIF = 3.0V, VOUT = 1.4 (forced), TA = + 25°C
-
5
mA
VDIF = 3.3V, VOUT = 1.4 (forced)
-
5
mA
VDIF = 40V, VOUT = 1.4 (forced)
-
5
mA
Current Limit 2/
ICL
VDIF = 15V
1.5
3.5
A
VDIF = 40V, TA = + 25°C
0.18
1.5
A
Notes:
1/ Regulation is measured at a constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to heating
effects are covered under the specification for thermal regulation. With exception of cases U and 2, all output measurements are referenced
to the case. Measurements taken at the output lead must be adjusted for lead resistance.
2/ If not tested, shall be guaranteed to the specified limits.
Negative Regulator
Electrical Performance Characteristics
(TA = -55°C to +125°C, IL = 8mA, Unless otherwise specified)
Parameter
Sym
Conditions
Min
Max
Units
Reference Voltage
VREF
VDIF = 3.0V, TA = + 25°C
-1.275
-1.225
V
VDIF = 3.0V
-1.3
-1.2
V
VDIF = 40V, TA = + 25°C
-1.275
-1.225
V
VDIF = 40V
-1.3
-1.2
V
Line Regulation
RLINE
3.0V < VDIF < 40V, VOUT = VREF, TA = + 25°C
-
±9
mV
3.0V < VDIF < 40V, VOUT = VREF
-
±23
mV
Load Regulation 1/
RLOAD
VDIF = 12V, 8mA < IL < 1.5A, TA = + 25°C
-
±25
mV
VDIF = 5V, 8mA < IL < 1.5A
-
±25
mV
VDIF = 40V, 8mA < IL < 200mA, TA = + 25°C
-
±25
mV
VDIF = 40V, 8mA < IL < 100mA
-
±25
mV
Thermal Regulation
VRTH
VIN = -14.6V, IL = 1.5A, t = 10ms, PD = 20W,
TA = + 25°C
-
±5
mV
Ripple Rejection
RN
f = 120Hz, CADJ = 10µF, VOUT = VREF 2/
66
-
dB
Adjustment Pin Current
IADJ
VDIF = 3.0V
-
100
µA
VDIF = 40V
-
100
µA
Adjustment Pin Current
Change
∆IADJ (Line) 3.0V < VDIF < 40V
-
±5
µA
∆IADJ (Load) VDIF = 5.0V, 8mA < IL < 1.5A
-
±5
µA
Minimum Load Current
ILMIN
VDIF = 3.0V, VOUT = -1.4 (forced)
-
3
mA
VDIF = 10V, VOUT = 1.4 (forced)
-
3
mA
VDIF = 40V, VOUT = 1.4 (forced)
-
5
mA
Current Limit 2/
ICL
VDIF = 5V
1.5
3.5
A
VDIF = 40V, TA = + 25°C
0.24
1.2
A
Notes:
1/ Regulation is measured at a constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to heating
effects are covered under the specification for thermal regulation. With exception of cases U and 2, all output measurements are referenced
to the case. Measurements taken at the output lead must be adjusted for lead resistance.
2/ If not tested, shall be guaranteed to the specified limits.
Positive Regulator
Electrical Performance Characteristics (con’t)
(TA = -55°C to +125°C, IL = 8mA, Unless otherwise specified)
Parameter
Sym
Conditions
Min
Max
Units



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com