Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8600 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT8600
Description  ACT8600 - Rad Hard Dual Adjustable Positive & Negative Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT8600 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT8600 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT8600 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT8600 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT8600 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT8600 Datasheet HTML 5Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
eroflex Circuit Technology – Voltage Regulator Modules For The Future © ACT8600 REV A 9/16/99
COMMON FEATURES
I Radiation 50K Total Dose
I Output voltage adjustable
from 1.2V to 37V
I 1.5A output current
I Current limit temperature
independent
I Line regulation .01% typ
I Output short circuit protected
I Packaging – Hermetic Metal
6 Leads, .65" x .42" x .200"
Power Package
I Industrial , Military and Space
Temperature Range
I DESC SMD – TBD
POSITIVE FEATURES
I Load regulation 0.1% typ
I Ripple rejection 80dB typ
NEGATIVE FEATURES
I Load regulation 0.3% typ
I Ripple rejection 77dB typ
General Description
Aeroflex’s ACT8600 is a radiation hardened, Dual adjustable 6-terminal device containing a
positive (LM117) and a negative (LM137) voltage regulator each capable of supplying in excess of
1.5A over an output voltage range of 1.2V to 37V. Each regulator is exceptionally easy to set-up,
requiring only 2 external resistors to set the output voltage. The module design has been optimized
for excellent regulation and low thermal transients. There is full electrical isolation between positive
and negative regulators and each to the package.
Further, the ACT8600 features internal current limiting, thermal shutdown and safe-area
compensation, making them virtually blowout-proof against overloads. The ACT8600 serves a
wide variety of applications including local on-card regulation, programmable output voltage
regulation or precision current regulation.
The ACT8600 has been specifically designed to meet exposure to radiation environments. It is
available in a 6 lead Metal Power Package. It is guaranteed operational from -55°C to +125°C.
Available screened to MIL-STD-883, the ACT8600 is ideal for demanding industrial, military and
space applications.
ACT8600 –
Rad Hard Dual Adjustable
Regulator
Positive & Negative Voltage
6
5
VIN
ADJ
2
3
1
VOUT
LM137
4
2
3
VIN
ADJ
3
2
1
VOUT
LM117
1
Block Diagram / Schematic
CIRCUIT TECHNOLOGY
www.aeroflex.com
F
I
E
I
D
C
E
R T
F
L E
X L A
ISO
9001


Similar Part No. - ACT8600

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8600 ACTIVE-SEMI-ACT8600 Datasheet
776Kb / 50P
Advanced PMU for Ingenic JZ4760/60B/70 Processors
Rev 3, 15-Nov-12
ACT8600 ACTIVE-SEMI-ACT8600 Datasheet
775Kb / 51P
Advanced PMU for Ingenic JZ4760/60B/70 Processors
Rev 3, 15-Nov-12
ACT8600QJ162-T ACTIVE-SEMI-ACT8600QJ162-T Datasheet
776Kb / 50P
Advanced PMU for Ingenic JZ4760/60B/70 Processors
Rev 3, 15-Nov-12
ACT8600QJ162-T ACTIVE-SEMI-ACT8600QJ162-T Datasheet
775Kb / 51P
Advanced PMU for Ingenic JZ4760/60B/70 Processors
Rev 3, 15-Nov-12
ACT8600 ACTIVE-SEMI-ACT8600_14 Datasheet
775Kb / 51P
Advanced PMU for Ingenic JZ4760/60B/70 Processors
Rev 3, 15-Nov-12
More results

Similar Description - ACT8600

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RHFL4913 STMICROELECTRONICS-RHFL4913_07 Datasheet
418Kb / 16P
Rad-Hard Adjustable positive voltage regulator
26-Jan-2007
RHFL4913_0711 STMICROELECTRONICS-RHFL4913_0711 Datasheet
433Kb / 19P
Rad-hard adjustable positive voltage regulator
23-Nov-2007
RHFL7913A STMICROELECTRONICS-RHFL7913A Datasheet
360Kb / 19P
Rad-hard adjustable negative voltage regulator
26-Aug-2008
RHFL4913A STMICROELECTRONICS-RHFL4913A Datasheet
426Kb / 20P
Rad-hard adjustable positive voltage regulator
21-Jan-2010
RHFL4913A STMICROELECTRONICS-RHFL4913A_12 Datasheet
302Kb / 20P
Rad-hard adjustable positive voltage regulator
20-Aug-2012
RHFL7913A STMICROELECTRONICS-RHFL7913A_11 Datasheet
364Kb / 19P
Rad-hard adjustable negative voltage regulator
07-Dec-2011
RHFL6000A STMICROELECTRONICS-RHFL6000A Datasheet
1Mb / 31P
2 A rad-hard adjustable positive voltage regulator
12-Oct-2015
logo
Anaren Microwave
MSK5953RH ANAREN-MSK5953RH Datasheet
1Mb / 9P
RAD HARD DUAL POSITIVE LDO ADJ VOLTAGE REGULATOR
MSK5973RH ANAREN-MSK5973RH Datasheet
447Kb / 8P
RAD HARD 1.5A, NEGATIVE ADJUSTABLE LINEAR REGULATOR
logo
STMicroelectronics
RHFL6000L STMICROELECTRONICS-RHFL6000L Datasheet
1Mb / 28P
2 A Rad-hard adjustable positive linear voltage regulator
04-Nov-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com