Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8600 Datasheet (PDF) - Active-Semi, Inc

ACT8600 Datasheet PDF - Active-Semi, Inc
Part # ACT8600
Download  ACT8600 Download
File Size   776.36 Kbytes
Page   50 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description Advanced PMU for Ingenic JZ4760/60B/70 Processors

ACT8600 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT8600 Datasheet PDF - Active-Semi, Inc

Part # ACT8600
Download  ACT8600 Click to download

File Size   776.36 Kbytes
Page   50 Pages
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc
Description Advanced PMU for Ingenic JZ4760/60B/70 Processors

ACT8600 Datasheet (HTML) - Active-Semi, Inc


ACT8600 Product details

GENERAL DESCRIPTION
The ACT8600 is a complete, cost effective, highly efficient ActivePMUTM power management solution, optimized for the unique power, voltage sequencing, and control requirements of the Ingenic JZ4760, JZ4760B and JZ4770 processors.
This device features three highly efficient step-down DC/DC converters, one step-up DC/DC converter, four low-noise, low-dropout linear regulators, and two Low IQ always on Keep-Alive linear regulators, a current limit switch for USB OTG, along with a complete battery charging solution featuring the advanced ActivePathTM system-power selection function

FEATURES
• Optimized for Ingenic JZ4760, JZ4760B, and JZ4770 Processors
• Three Step-Down DC/DC Converters
• One Step-Up DC/DC Converter
• USB OTG Switch with 600mA Current Limit
• Four Low-Noise LDOs
• Two Low IQ Keep-Alive LDOs
• Backup Battery Charger
• Single-Cell Li+ActivePathTM Battery Charger
• I2CTM Serial Interface
• Interrupt Controller
• Power On Reset Interface and Sequencing Controller
• Minimum External Components
• 5×5mm TQFN55-40 Package
   − 0.75mm Package Height
   − Pb-Free and RoHS Compliant




Similar Part No. - ACT8600

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT8600 AEROFLEX-ACT8600 Datasheet
73Kb / 5P
ACT8600 - Rad Hard Dual Adjustable Positive & Negative Voltage Regulator
logo
Active-Semi, Inc
ACT8600 ACTIVE-SEMI-ACT8600 Datasheet
775Kb / 51P
Advanced PMU for Ingenic JZ4760/60B/70 Processors
Rev 3, 15-Nov-12
ACT8600QJ162-T ACTIVE-SEMI-ACT8600QJ162-T Datasheet
775Kb / 51P
Advanced PMU for Ingenic JZ4760/60B/70 Processors
Rev 3, 15-Nov-12
ACT8600 ACTIVE-SEMI-ACT8600_14 Datasheet
775Kb / 51P
Advanced PMU for Ingenic JZ4760/60B/70 Processors
Rev 3, 15-Nov-12
More results


Similar Description - ACT8600

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
81Kb / 2P
Advanced PMU for Multi-core Application Processors
22-Oct-12
ACT8847 ACTIVE-SEMI-ACT8847 Datasheet
83Kb / 2P
Advanced PMU for Multi-core Application Processors
05-Dec-12
ACT8600 ACTIVE-SEMI-ACT8600_14 Datasheet
775Kb / 51P
Advanced PMU for Ingenic JZ4760/60B/70 Processors
Rev 3, 15-Nov-12
ACT8846 ACTIVE-SEMI-ACT8846_14 Datasheet
674Kb / 40P
Advanced PMU for Multi-core Application Processors
Rev 1, 15-May-13
ACT8847 ACTIVE-SEMI-ACT8847_14 Datasheet
763Kb / 38P
Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
ACT8847 ACTIVE-SEMI-ACT8847_17 Datasheet
2Mb / 39P
Advanced PMU for Multi-core Application Processors
REV 8, 17-JAN-2017
ACT8946A ACTIVE-SEMI-ACT8946A Datasheet
1Mb / 37P
Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
ACT8846 ACTIVE-SEMI-ACT8846_17 Datasheet
1Mb / 44P
Advanced PMU for Multi-core Application Processors
Rev 7.0, 06-Dec-2017
ACT8946AQJ203-T ACTIVE-SEMI-ACT8946AQJ203-T Datasheet
1Mb / 37P
Advanced PMU for Hisilicon Processors
Rev 1.0, 08-Jul-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com