Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC-030 Datasheet (PDF) - TRACO Electronic AG

TPC-030 Datasheet PDF - TRACO Electronic AG
Part # TPC-030
Download  TPC-030 Download
File Size   432.72 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TPC Series, 30 to 120 Watt

TPC-030 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPC-030 Datasheet PDF - TRACO Electronic AG

Part # TPC-030
Download  TPC-030 Click to download

File Size   432.72 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TPC Series, 30 to 120 Watt

TPC-030 Datasheet (HTML) - TRACO Electronic AG


TPC-030 Product details

Features
◆ For industrial, office and residential
environments
◆ Meets European ErP directive (green mode),
<0.3 W no load power consumption
◆ High efficiency across full load range
◆ Compact plastic casing
◆ Reliable snap-on mounting on DIN-rails
or with wall mounting bracket (not included)
◆ Universal input 85–264 VAC, 47–63 Hz
◆ Models with 5, 12, 24 & 48 VDC output
◆ Output voltage adjustable
◆ Power good signal
◆ Low ripple and noise
◆ Overload and short-circuit protection
◆ Optional module for parallel and
redundant operation
◆ Worldwide safety approval package
◆ 3-year product warranty




Similar Part No. - TPC-030

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
TPC-03040 MICRO-ELECTRONICS-TPC-03040 Datasheet
443Kb / 3P
LINEARITYI WIDTH COIL FOR VIDEO DISPLAY
More results


Similar Description - TPC-030

ManufacturerPart #DatasheetDescription
logo
Power-One
HAS030YG POWER-ONE-HAS030YG Datasheet
229Kb / 3P
HAS SERIES - 30 WATT
logo
List of Unclassifed Man...
SX30U ETC1-SX30U Datasheet
379Kb / 2P
30 Watt, 120 VAC Input Fully Enclosed Switchiing Power Supply
logo
Phihong USA Inc.
PSA-30R-033 PHIHONG-PSA-30R-033 Datasheet
126Kb / 3P
30 Watt Interchangeable Plug Series
PSC30R-120 PHIHONG-PSC30R-120 Datasheet
142Kb / 2P
30-WATT INTERCHANGEABLE PLUG SERIES
logo
SL Power Electronics
MW122 SLPOWER-MW122 Datasheet
109Kb / 2P
MEDICAL 120 WATT SERIES
MW155 SLPOWER-MW155 Datasheet
349Kb / 2P
120 Watt Medical Adapter Series
logo
Mallory Sonalert Produc...
SC110QR MSPI-SC110QR Datasheet
52Kb / 1P
Voltage Rating 30 to 120 VAC
logo
TRACO Electronic AG
TEN30 TRACOPOWER-TEN30 Datasheet
903Kb / 5P
TEN 30 Series, 30 Watt
Rev. November 30, 2022
TEN30WIN TRACOPOWER-TEN30WIN Datasheet
965Kb / 6P
TEN 30WIN Series, 30 Watt
Rev. November 30, 2022
TXH120 TRACOPOWER-TXH120 Datasheet
1Mb / 4P
AC/DC Power Supply TXH 120 Series, 120 Watt
Rev. March 16, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com