Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEN30 Datasheet (PDF) - TRACO Electronic AG

TEN30 Datasheet PDF - TRACO Electronic AG
Part # TEN30
Download  TEN30 Download
File Size   903.53 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEN 30 Series, 30 Watt

TEN30 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEN30 Datasheet PDF - TRACO Electronic AG

Part # TEN30
Download  TEN30 Click to download

File Size   903.53 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEN 30 Series, 30 Watt

TEN30 Datasheet (HTML) - TRACO Electronic AG


TEN30 Product details

• 2" x 1" x 0.4" metal package
• Wide 2:1 input range
• Very high efficiency up to 91%
• Operating temperature range -40°C to
+80°C
• Over-temperature protection
• I/O isolation 1600 VDC
• Adjustable output voltage
• Remote On/Off




Similar Part No. - TEN30

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEN30-2408WI TRACOPOWER-TEN30-2408WI Datasheet
310Kb / 4P
DC/DC Converters TEN 30WI Series, 30 Watt
Rev. March 9, 2022
TEN30-2409WI TRACOPOWER-TEN30-2409WI Datasheet
310Kb / 4P
DC/DC Converters TEN 30WI Series, 30 Watt
Rev. March 9, 2022
TEN30-2410WI TRACOPOWER-TEN30-2410WI Datasheet
310Kb / 4P
DC/DC Converters TEN 30WI Series, 30 Watt
Rev. March 9, 2022
TEN30-2410WIN TRACOPOWER-TEN30-2410WIN Datasheet
965Kb / 6P
TEN 30WIN Series, 30 Watt
Rev. November 30, 2022
TEN30-2411WI TRACOPOWER-TEN30-2411WI Datasheet
310Kb / 4P
DC/DC Converters TEN 30WI Series, 30 Watt
Rev. March 9, 2022
More results


Similar Description - TEN30

ManufacturerPart #DatasheetDescription
logo
Power-One
HAS030YG POWER-ONE-HAS030YG Datasheet
229Kb / 3P
HAS SERIES - 30 WATT
logo
TRACO Electronic AG
TEN10WIRH TRACOPOWER-TEN10WIRH Datasheet
969Kb / 5P
TEN 10WIRH Series, 10 Watt
Rev. November 30, 2022
TEN20WIR TRACOPOWER-TEN20WIR Datasheet
908Kb / 5P
TEN 20WIR Series, 20 Watt
Rev. December 6, 2022
TEN30WIN TRACOPOWER-TEN30WIN Datasheet
965Kb / 6P
TEN 30WIN Series, 30 Watt
Rev. November 30, 2022
TEN3WIN TRACOPOWER-TEN3WIN Datasheet
921Kb / 4P
TEN 3WIN Series, 3 Watt
Rev. Januaryy 19, 2023
THN30 TRACOPOWER-THN30 Datasheet
918Kb / 4P
DC/DC Converter THN 30 Series, 30 Watt
Rev. November 30, 2022
TEL30 TRACOPOWER-TEL30 Datasheet
290Kb / 3P
DC/DC Converters TEL 30 Series, 30 Watt
Rev. August 30, 2022
TEN25 TRACOPOWER-TEN25 Datasheet
223Kb / 3P
DC/DC Converters TEN 25 Series, 25/30 Watt
Rev. August 30, 2022
TEN25WI TRACOPOWER-TEN25WI Datasheet
230Kb / 4P
DC/DC Converters TEN 25WI Series, 25/30 Watt
Rev. August 30, 2022
TEN30WI TRACOPOWER-TEN30WI Datasheet
310Kb / 4P
DC/DC Converters TEN 30WI Series, 30 Watt
Rev. March 9, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com