Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEN30WI Datasheet (PDF) - TRACO Electronic AG

TEN30WI Datasheet PDF - TRACO Electronic AG
Part # TEN30WI
Download  TEN30WI Download
File Size   310.21 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converters TEN 30WI Series, 30 Watt

TEN30WI Datasheet (PDF)

Go To PDF Page Download Datasheet
TEN30WI Datasheet PDF - TRACO Electronic AG

Part # TEN30WI
Download  TEN30WI Click to download

File Size   310.21 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converters TEN 30WI Series, 30 Watt

TEN30WI Datasheet (HTML) - TRACO Electronic AG


TEN30WI Product details

Features
◆ Ultra wide 4:1 input voltage range
◆ Single output voltage models
from 1.8 to 15 VDC
◆ Dual output voltage models
◆ Extended operating temperature range:
–40°C to 85°C
◆ Under voltage lockout
◆ Remote On/Off
◆ Shielded metal case with insulated
baseplate
◆ Optional heatsink
◆ Lead free design - RoHS compliant
◆ 3-year product warranty




Similar Part No. - TEN30WI

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEN30WIN TRACOPOWER-TEN30WIN Datasheet
965Kb / 6P
TEN 30WIN Series, 30 Watt
Rev. November 30, 2022
More results


Similar Description - TEN30WI

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THL30WI TRACOPOWER-THL30WI Datasheet
1Mb / 5P
DC/DC Converter THL 30WI Series, 30 Watt
Rev. November 30, 2022
THM30WI TRACOPOWER-THM30WI Datasheet
1,016Kb / 5P
DC/DC Medical Converter THM 30WI Series, 30 Watt
Rev. November 30, 2022
THN30WI TRACOPOWER-THN30WI Datasheet
907Kb / 4P
DC/DC Converter THN 30WI Series, 30 Watt
Rev. November 30, 2022
TEN12WI TRACOPOWER-TEN12WI Datasheet
218Kb / 3P
DC/DC Converters TEN 12WI Series, 12 Watt
Rev. October 6, 2021
TEN15 TRACOPOWER-TEN15 Datasheet
395Kb / 4P
DC/DC Converters TEN 15 Series, 15 Watt
Rev. May 7, 2021
TEN20 TRACOPOWER-TEN20 Datasheet
266Kb / 3P
DC/DC Converters TEN 20 Series, 20 Watt
Rev. March 17, 2022
TEN25 TRACOPOWER-TEN25 Datasheet
223Kb / 3P
DC/DC Converters TEN 25 Series, 25/30 Watt
Rev. August 30, 2022
TEN25WI TRACOPOWER-TEN25WI Datasheet
230Kb / 4P
DC/DC Converters TEN 25WI Series, 25/30 Watt
Rev. August 30, 2022
TEN3 TRACOPOWER-TEN3 Datasheet
274Kb / 3P
DC/DC Converters TEN 3 Series, 3 Watt
Rev. February 20, 2023
TEN4 TRACOPOWER-TEN4 Datasheet
283Kb / 3P
DC/DC Converters TEN 4 Series, 4 Watt
Rev. February 20, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com