Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THN30WI Datasheet (PDF) - TRACO Electronic AG

THN30WI Datasheet PDF - TRACO Electronic AG
Part # THN30WI
Download  THN30WI Download
File Size   907.08 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter THN 30WI Series, 30 Watt

THN30WI Datasheet (PDF)

Go To PDF Page Download Datasheet
THN30WI Datasheet PDF - TRACO Electronic AG

Part # THN30WI
Download  THN30WI Click to download

File Size   907.08 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter THN 30WI Series, 30 Watt

THN30WI Datasheet (HTML) - TRACO Electronic AG


THN30WI Product details

• Highest power density 30 W Converter!
Ultra compact size: 1.0" x 1.0" x 0.4"
• Shielded metal case with isolated
baseplate
• Ultrawide 4:1 input voltage range
• Very high efficiency across full load
range up to 92%
• Over temperature protection
• Operating temp. range: –40°C to +80°C
and up to 85°C with heat sink
• Ultra low no load input current
• Remote On/Off control and output
voltage adjustable
• I/O isolation voltage 1600 VDC
• 3-year product warrenty




Similar Part No. - THN30WI

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
THN30WI TOUCHSTONE-THN30WI Datasheet
433Kb / 4P
DC/DC Converters
logo
TRACO Electronic AG
THN30WI TRACOPOWER-THN30WI Datasheet
349Kb / 1P
Heat Sink
Rev. November 30, 2022
THN30WIR TRACOPOWER-THN30WIR Datasheet
941Kb / 6P
DC/DC Railway Converter THN 30WIR Series, 30 Watt
Rev. November 30, 2022
THN30WIR TRACOPOWER-THN30WIR Datasheet
126Kb / 1P
Heat Sink
Rev. November 30, 2022
THN30WIR TRACOPOWER-THN30WIR Datasheet
1Mb / 1P
Heat Sink
Rev. November 30, 2022
More results


Similar Description - THN30WI

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THL30WI TRACOPOWER-THL30WI Datasheet
1Mb / 5P
DC/DC Converter THL 30WI Series, 30 Watt
Rev. November 30, 2022
THM30WI TRACOPOWER-THM30WI Datasheet
1,016Kb / 5P
DC/DC Medical Converter THM 30WI Series, 30 Watt
Rev. November 30, 2022
THN15 TRACOPOWER-THN15 Datasheet
919Kb / 5P
DC/DC Converter THN 15 Series, 15 Watt
Rev. November 30, 2022
THN15N TRACOPOWER-THN15N Datasheet
921Kb / 5P
DC/DC Converter THN 15N Series, 15 Watt
Rev. November 30, 2022
THN15WI TRACOPOWER-THN15WI Datasheet
877Kb / 4P
DC/DC Converter THN 15WI Series, 15 Watt
Rev. February 9, 2023
THN20WI TRACOPOWER-THN20WI Datasheet
890Kb / 4P
DC/DC Converter THN 20WI Series, 20 Watt
Rev. November 30, 2022
THN20WIR TRACOPOWER-THN20WIR Datasheet
931Kb / 5P
DC/DC Railway Converter THN 20WIR Series, 20 Watt
Rev. November 30, 2022
THN30 TRACOPOWER-THN30 Datasheet
918Kb / 4P
DC/DC Converter THN 30 Series, 30 Watt
Rev. November 30, 2022
THN30WIR TRACOPOWER-THN30WIR Datasheet
941Kb / 6P
DC/DC Railway Converter THN 30WIR Series, 30 Watt
Rev. November 30, 2022
TEN30WI TRACOPOWER-TEN30WI Datasheet
310Kb / 4P
DC/DC Converters TEN 30WI Series, 30 Watt
Rev. March 9, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com