Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THN15WI Datasheet (PDF) - TRACO Electronic AG

THN15WI Datasheet PDF - TRACO Electronic AG
Part # THN15WI
Download  THN15WI Download
File Size   877.05 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter THN 15WI Series, 15 Watt

THN15WI Datasheet (PDF)

Go To PDF Page Download Datasheet
THN15WI Datasheet PDF - TRACO Electronic AG

Part # THN15WI
Download  THN15WI Click to download

File Size   877.05 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter THN 15WI Series, 15 Watt

THN15WI Datasheet (HTML) - TRACO Electronic AG


THN15WI Product details

• Smallest encapsulated 15 W Converter!
Ultra compact size: 1.0" x 1.0" x 0.4"
• Shielded metal case with isolated
baseplate
• Ultrawide 4:1 input ranges:
9-36 VDC or 18-75 VDC
• Output voltage Trim
• 5 Vout models with trim up to 6 VDC
ideal for LDO applications
• I/O isolation voltage 1600 VDC
• Very high efficiency up to 87%
• Operating temp. range:
–40°C to +85°C
• Remote On/Off control
• 3-year product warranty




Similar Part No. - THN15WI

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THN15WI TRACOPOWER-THN15WI Datasheet
349Kb / 1P
Heat Sink
Rev. November 30, 2022
THN15WIR TRACOPOWER-THN15WIR Datasheet
906Kb / 5P
DC/DC Railway Converter THN 15WIR Series, 15 Watt
Rev. November 30, 2022
THN15WIR TRACOPOWER-THN15WIR Datasheet
126Kb / 1P
Heat Sink
Rev. November 30, 2022
THN15WIR TRACOPOWER-THN15WIR Datasheet
1Mb / 1P
Heat Sink
Rev. November 30, 2022
More results


Similar Description - THN15WI

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THL15WI TRACOPOWER-THL15WI Datasheet
906Kb / 4P
DC/DC Converter THL 15WI Series, 15 Watt
Rev. Januaryy 19, 2023
THM15WI TRACOPOWER-THM15WI Datasheet
982Kb / 5P
DC/DC Medical Converter THM 15WI Series, 15 Watt
Rev. November 30, 2022
THN15 TRACOPOWER-THN15 Datasheet
919Kb / 5P
DC/DC Converter THN 15 Series, 15 Watt
Rev. November 30, 2022
THN15N TRACOPOWER-THN15N Datasheet
921Kb / 5P
DC/DC Converter THN 15N Series, 15 Watt
Rev. November 30, 2022
THN15WIR TRACOPOWER-THN15WIR Datasheet
906Kb / 5P
DC/DC Railway Converter THN 15WIR Series, 15 Watt
Rev. November 30, 2022
THN20WI TRACOPOWER-THN20WI Datasheet
890Kb / 4P
DC/DC Converter THN 20WI Series, 20 Watt
Rev. November 30, 2022
THN30 TRACOPOWER-THN30 Datasheet
918Kb / 4P
DC/DC Converter THN 30 Series, 30 Watt
Rev. November 30, 2022
THN30WI TRACOPOWER-THN30WI Datasheet
907Kb / 4P
DC/DC Converter THN 30WI Series, 30 Watt
Rev. November 30, 2022
TEN15WI TRACOPOWER-TEN15WI Datasheet
264Kb / 3P
DC/DC Converters TEN 15WI Series, 15 Watt
Rev. March 17, 2023
TON15WI TRACOPOWER-TON15WI Datasheet
210Kb / 3P
DC/DC Converters TON 15WI Series, 15 Watt
Rev. March 21, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com