Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THN20WI Datasheet (PDF) - TRACO Electronic AG

THN20WI Datasheet PDF - TRACO Electronic AG
Part # THN20WI
Download  THN20WI Download
File Size   890.34 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter THN 20WI Series, 20 Watt

THN20WI Datasheet (PDF)

Go To PDF Page Download Datasheet
THN20WI Datasheet PDF - TRACO Electronic AG

Part # THN20WI
Download  THN20WI Click to download

File Size   890.34 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter THN 20WI Series, 20 Watt

THN20WI Datasheet (HTML) - TRACO Electronic AG


THN20WI Product details

• Ultra compact size: 1.0" x 1.0" x 0.4"
• Shielded metal casing with isolated
baseplate
• Ultrawide 4:1 input voltage ranges
• Very high efficiency up to 90%
• Output voltage adjustable
• Remote On/Off control
• Operating temp. range –40°C to +75°C
and up to 85 °C with heat-sink
• I/O isolation voltage 1600 VDC
• Input filter meets EN 55032 class A
without external components
• 3-year product warranty




Similar Part No. - THN20WI

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
THN20WI TOUCHSTONE-THN20WI Datasheet
369Kb / 4P
DC/DC Converters
logo
TRACO Electronic AG
THN20WI TRACOPOWER-THN20WI Datasheet
349Kb / 1P
Heat Sink
Rev. November 30, 2022
THN20WIR TRACOPOWER-THN20WIR Datasheet
931Kb / 5P
DC/DC Railway Converter THN 20WIR Series, 20 Watt
Rev. November 30, 2022
THN20WIR TRACOPOWER-THN20WIR Datasheet
126Kb / 1P
Heat Sink
Rev. November 30, 2022
THN20WIR TRACOPOWER-THN20WIR Datasheet
1Mb / 1P
Heat Sink
Rev. November 30, 2022
More results


Similar Description - THN20WI

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THM20WI TRACOPOWER-THM20WI Datasheet
958Kb / 5P
DC/DC Medical Converter THM 20WI Series, 20 Watt
Rev. November 30, 2022
THN15 TRACOPOWER-THN15 Datasheet
919Kb / 5P
DC/DC Converter THN 15 Series, 15 Watt
Rev. November 30, 2022
THN15N TRACOPOWER-THN15N Datasheet
921Kb / 5P
DC/DC Converter THN 15N Series, 15 Watt
Rev. November 30, 2022
THN15WI TRACOPOWER-THN15WI Datasheet
877Kb / 4P
DC/DC Converter THN 15WI Series, 15 Watt
Rev. February 9, 2023
THN20 TRACOPOWER-THN20 Datasheet
908Kb / 5P
DC/DC Converter THN 20 Series, 20 Watt
Rev. November 30, 2022
THN20WIR TRACOPOWER-THN20WIR Datasheet
931Kb / 5P
DC/DC Railway Converter THN 20WIR Series, 20 Watt
Rev. November 30, 2022
THN30 TRACOPOWER-THN30 Datasheet
918Kb / 4P
DC/DC Converter THN 30 Series, 30 Watt
Rev. November 30, 2022
THN30WI TRACOPOWER-THN30WI Datasheet
907Kb / 4P
DC/DC Converter THN 30WI Series, 30 Watt
Rev. November 30, 2022
THR20WI TRACOPOWER-THR20WI Datasheet
1Mb / 6P
DC/DC Converter THR 20WI Series, 20 Watt
Rev. November 30, 2022
TEN20WI TRACOPOWER-TEN20WI Datasheet
645Kb / 6P
DC/DC Converters TEN 20WI Series, 20 Watt
Rev. May 7, 2021
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com