Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THN20 Datasheet (PDF) - TRACO Electronic AG

THN20 Datasheet PDF - TRACO Electronic AG
Part # THN20
Download  THN20 Download
File Size   908.46 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter THN 20 Series, 20 Watt

THN20 Datasheet (PDF)

Go To PDF Page Download Datasheet
THN20 Datasheet PDF - TRACO Electronic AG

Part # THN20
Download  THN20 Click to download

File Size   908.46 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter THN 20 Series, 20 Watt

THN20 Datasheet (HTML) - TRACO Electronic AG


THN20 Product details

• Smallest encapsulated 20 W Converter!
Ultra compact size: 1.0" x 1.0" x 0.4"
• Shielded metal case with isolated
baseplate
• Wide 2:1 input voltage ranges
• Very high efficiency up to 90%
• Output voltage adjustable
• Remote On/Off control
• Operating temp. range –40°C to +75°C
and up to 85 °C with heat-sink
• I/O isolation voltage 1500 VDC
• Input filter meets EN 55022 class A
without external components
• 3-year product warranty




Similar Part No. - THN20

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
THN20 TOUCHSTONE-THN20 Datasheet
374Kb / 4P
DC/DC Converters
logo
TRACO Electronic AG
THN20 TRACOPOWER-THN20 Datasheet
349Kb / 1P
Heat Sink
Rev. November 30, 2022
logo
Touchstone Semiconducto...
THN20-1210 TOUCHSTONE-THN20-1210 Datasheet
374Kb / 4P
DC/DC Converters
THN20-1211 TOUCHSTONE-THN20-1211 Datasheet
374Kb / 4P
DC/DC Converters
THN20-1212 TOUCHSTONE-THN20-1212 Datasheet
374Kb / 4P
DC/DC Converters
More results


Similar Description - THN20

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM20C-Z AIMTEC-AM20C-Z Datasheet
625Kb / 3P
20 Watt | DC-DC Converter
AM20C-Z AIMTEC-AM20C-Z_13 Datasheet
690Kb / 4P
20 Watt | DC-DC Converter
AM20E-Z AIMTEC-AM20E-Z_16 Datasheet
423Kb / 5P
20 Watt | DC-DC Converter
logo
TRACO Electronic AG
THN15 TRACOPOWER-THN15 Datasheet
919Kb / 5P
DC/DC Converter THN 15 Series, 15 Watt
Rev. November 30, 2022
THN15WI TRACOPOWER-THN15WI Datasheet
877Kb / 4P
DC/DC Converter THN 15WI Series, 15 Watt
Rev. February 9, 2023
THN20WI TRACOPOWER-THN20WI Datasheet
890Kb / 4P
DC/DC Converter THN 20WI Series, 20 Watt
Rev. November 30, 2022
THN20WIR TRACOPOWER-THN20WIR Datasheet
931Kb / 5P
DC/DC Railway Converter THN 20WIR Series, 20 Watt
Rev. November 30, 2022
THN30WI TRACOPOWER-THN30WI Datasheet
907Kb / 4P
DC/DC Converter THN 30WI Series, 30 Watt
Rev. November 30, 2022
TMDC20 TRACOPOWER-TMDC20 Datasheet
1Mb / 4P
DC/DC Converter TMDC 20 Series, 20 Watt
Rev. March 16, 2023
TRI20 TRACOPOWER-TRI20 Datasheet
944Kb / 4P
DC/DC Converter TRI 20 Series, 20 Watt
Rev. March 17, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com