Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THN15 Datasheet (PDF) - TRACO Electronic AG

THN15 Datasheet PDF - TRACO Electronic AG
Part # THN15
Download  THN15 Download
File Size   919.09 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter THN 15 Series, 15 Watt

THN15 Datasheet (PDF)

Go To PDF Page Download Datasheet
THN15 Datasheet PDF - TRACO Electronic AG

Part # THN15
Download  THN15 Click to download

File Size   919.09 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter THN 15 Series, 15 Watt

THN15 Datasheet (HTML) - TRACO Electronic AG


THN15 Product details

• Smallest encapsulated 15 W Converter!
Ultra compact size: 1.0" x 1.0" x 0.4"
• Shielded metal case with isolated
baseplate
• Wide 2:1 input ranges:
9-18, 18-36 or 36-75 VDC
• Output voltage Trim
• I/O isolation voltage 1600 VDC
• Very high efficiency up to 88%
• Operating temp. range:
–40°C to +85°C
• Remote On/Off control
• Industry standard pinout
• 3-year product warranty




Similar Part No. - THN15

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THN15 TRACOPOWER-THN15 Datasheet
349Kb / 1P
Heat Sink
Rev. November 30, 2022
THN15-1210N TRACOPOWER-THN15-1210N Datasheet
921Kb / 5P
DC/DC Converter THN 15N Series, 15 Watt
Rev. November 30, 2022
THN15-1211N TRACOPOWER-THN15-1211N Datasheet
921Kb / 5P
DC/DC Converter THN 15N Series, 15 Watt
Rev. November 30, 2022
THN15-1212N TRACOPOWER-THN15-1212N Datasheet
921Kb / 5P
DC/DC Converter THN 15N Series, 15 Watt
Rev. November 30, 2022
THN15-1213N TRACOPOWER-THN15-1213N Datasheet
921Kb / 5P
DC/DC Converter THN 15N Series, 15 Watt
Rev. November 30, 2022
More results


Similar Description - THN15

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM15E-I AIMTEC-AM15E-I Datasheet
245Kb / 3P
15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
15 Watt | DC-DC Converter
AM15E-Z AIMTEC-AM15E-Z_13 Datasheet
424Kb / 4P
15 Watt | DC-DC Converter
AM15EW-NZ AIMTEC-AM15EW-NZ Datasheet
201Kb / 4P
15 Watt | DC-DC Converter
AM20EW-NZ AIMTEC-AM20EW-NZ Datasheet
199Kb / 4P
15 Watt | DC-DC Converter
logo
TRACO Electronic AG
THN15N TRACOPOWER-THN15N Datasheet
921Kb / 5P
DC/DC Converter THN 15N Series, 15 Watt
Rev. November 30, 2022
THN15WI TRACOPOWER-THN15WI Datasheet
877Kb / 4P
DC/DC Converter THN 15WI Series, 15 Watt
Rev. February 9, 2023
THN15WIR TRACOPOWER-THN15WIR Datasheet
906Kb / 5P
DC/DC Railway Converter THN 15WIR Series, 15 Watt
Rev. November 30, 2022
TRI15 TRACOPOWER-TRI15 Datasheet
940Kb / 4P
DC/DC Converter TRI 15 Series, 15 Watt
Rev. March 17, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com