Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THR20WI Datasheet (PDF) - TRACO Electronic AG

THR20WI Datasheet PDF - TRACO Electronic AG
Part # THR20WI
Download  THR20WI Download
File Size   1034.76 Kbytes
Page   6 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter THR 20WI Series, 20 Watt

THR20WI Datasheet (PDF)

Go To PDF Page Download Datasheet
THR20WI Datasheet PDF - TRACO Electronic AG

Part # THR20WI
Download  THR20WI Click to download

File Size   1034.76 Kbytes
Page   6 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter THR 20WI Series, 20 Watt

THR20WI Datasheet (HTML) - TRACO Electronic AG


THR20WI Product details

• Reinforced I/O-isolation 3000 VAC
• Shock and vibration resistance
according to EN 61373
• Wide 4:1 input voltage range: 9-36,
18-75, 40-160 VDC
• Operating temperature range -40 to
+85°C
• Internal EN 55032 class A filter
• High efficiency up to 88%
• Protection against overload, overvoltage
and short circuit
• 3-year product warranty




Similar Part No. - THR20WI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THR20 ETC1-THR20 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
More results


Similar Description - THR20WI

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM20C-Z AIMTEC-AM20C-Z Datasheet
625Kb / 3P
20 Watt | DC-DC Converter
AM20C-Z AIMTEC-AM20C-Z_12 Datasheet
659Kb / 3P
20 Watt | DC-DC Converter
AM20C-Z AIMTEC-AM20C-Z_13 Datasheet
690Kb / 4P
20 Watt | DC-DC Converter
AM20E-Z AIMTEC-AM20E-Z_16 Datasheet
423Kb / 5P
20 Watt | DC-DC Converter
logo
TRACO Electronic AG
THM20WI TRACOPOWER-THM20WI Datasheet
958Kb / 5P
DC/DC Medical Converter THM 20WI Series, 20 Watt
Rev. November 30, 2022
THN20WI TRACOPOWER-THN20WI Datasheet
890Kb / 4P
DC/DC Converter THN 20WI Series, 20 Watt
Rev. November 30, 2022
THR10WI TRACOPOWER-THR10WI Datasheet
1Mb / 6P
DC/DC Converter THR 10WI Series, 10 Watt
Rev. November 30, 2022
THR3WI TRACOPOWER-THR3WI Datasheet
882Kb / 4P
DC/DC Converter THR 3WI Series, 3 Watt
Rev. November 30, 2022
THR40WI TRACOPOWER-THR40WI Datasheet
969Kb / 5P
DC/DC Converter THR 40WI Series, 40 Watt
Rev. December 15, 2022
TEN20WI TRACOPOWER-TEN20WI Datasheet
645Kb / 6P
DC/DC Converters TEN 20WI Series, 20 Watt
Rev. May 7, 2021
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com