Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THR10WI Datasheet (PDF) - TRACO Electronic AG

THR10WI Datasheet PDF - TRACO Electronic AG
Part # THR10WI
Download  THR10WI Download
File Size   1035.56 Kbytes
Page   6 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter THR 10WI Series, 10 Watt

THR10WI Datasheet (PDF)

Go To PDF Page Download Datasheet
THR10WI Datasheet PDF - TRACO Electronic AG

Part # THR10WI
Download  THR10WI Click to download

File Size   1035.56 Kbytes
Page   6 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter THR 10WI Series, 10 Watt

THR10WI Datasheet (HTML) - TRACO Electronic AG


THR10WI Product details

• Reinforced I/O-isolation 3000 VAC
• Shock and vibration resistance
according to EN 61373
• Wide 4:1 input voltage range: 9-36,
18-75, 40-160 VDC
• Operating temperature range -40 to
+90°C
• Internal EN 55032 class A filter
• High efficiency up to 89%
• Protection against overload, overvoltage
and short circuit
• 3-year product warranty




Similar Part No. - THR10WI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THR10 ETC1-THR10 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
More results


Similar Description - THR10WI

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM10E-Z AIMTEC-AM10E-Z Datasheet
172Kb / 4P
10 Watt | DC-DC Converter
AM10EW-Z AIMTEC-AM10EW-Z_13 Datasheet
299Kb / 3P
10 Watt | DC-DC Converter
AM10C-FZ AIMTEC-AM10C-FZ Datasheet
123Kb / 3P
10 Watt | DC-DC Converter
AM10CW-FZ AIMTEC-AM10CW-FZ Datasheet
121Kb / 3P
10 Watt | DC-DC Converter
AM10TW-I-Z AIMTEC-AM10TW-I-Z Datasheet
268Kb / 3P
10 Watt | DC-DC Converter
AM10W-NZ AIMTEC-AM10W-NZ Datasheet
149Kb / 4P
10 Watt | DC-DC Converter
logo
TRACO Electronic AG
THM10WI TRACOPOWER-THM10WI Datasheet
982Kb / 5P
DC/DC Medical Converter THM 10WI Series, 10 Watt
Rev. November 30, 2022
THR20WI TRACOPOWER-THR20WI Datasheet
1Mb / 6P
DC/DC Converter THR 20WI Series, 20 Watt
Rev. November 30, 2022
THR3WI TRACOPOWER-THR3WI Datasheet
882Kb / 4P
DC/DC Converter THR 3WI Series, 3 Watt
Rev. November 30, 2022
THR40WI TRACOPOWER-THR40WI Datasheet
969Kb / 5P
DC/DC Converter THR 40WI Series, 40 Watt
Rev. December 15, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com