Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THR3WI Datasheet (PDF) - TRACO Electronic AG

THR3WI Datasheet PDF - TRACO Electronic AG
Part # THR3WI
Download  THR3WI Download
File Size   882.41 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter THR 3WI Series, 3 Watt

THR3WI Datasheet (PDF)

Go To PDF Page Download Datasheet
THR3WI Datasheet PDF - TRACO Electronic AG

Part # THR3WI
Download  THR3WI Click to download

File Size   882.41 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter THR 3WI Series, 3 Watt

THR3WI Datasheet (HTML) - TRACO Electronic AG


THR3WI Product details

• Reinforced I/O-isolation 3000 VAC
• Shock and vibration resistance
according to EN 61373
• Wide 4:1 input voltage range: 9-36,
18-75, 40-160 VDC
• Operating temperature range -40 to
+92°C
• Internal EN 55032 class A filter
• High efficiency up to 85%
• Protection against overload, overvoltage
and short circuit
• 3-year product warranty




Similar Part No. - THR3WI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THR3 ETC1-THR3 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
More results


Similar Description - THR3WI

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM3D-Z AIMTEC-AM3D-Z_13 Datasheet
480Kb / 4P
3 Watt | DC-DC Converter
AM3Q-Z AIMTEC-AM3Q-Z_13 Datasheet
264Kb / 3P
3 Watt | DC-DC Converter
logo
TRACO Electronic AG
THM3WI TRACOPOWER-THM3WI Datasheet
977Kb / 5P
DC/DC Medical Converter THM 3WI Series, 3 Watt
Rev. November 30, 2022
THR10WI TRACOPOWER-THR10WI Datasheet
1Mb / 6P
DC/DC Converter THR 10WI Series, 10 Watt
Rev. November 30, 2022
THR20WI TRACOPOWER-THR20WI Datasheet
1Mb / 6P
DC/DC Converter THR 20WI Series, 20 Watt
Rev. November 30, 2022
THR40WI TRACOPOWER-THR40WI Datasheet
969Kb / 5P
DC/DC Converter THR 40WI Series, 40 Watt
Rev. December 15, 2022
TMR3WI TRACOPOWER-TMR3WI Datasheet
974Kb / 4P
DC/DC Converter TMR 3WI Series, 3 Watt
Rev. November 30, 2022
TEN3WI TRACOPOWER-TEN3WI Datasheet
219Kb / 3P
DC/DC Converters TEN 3WI Series, 3 Watt
Rev. February 20, 2023
THL3WI TRACOPOWER-THL3WI Datasheet
272Kb / 3P
DC/DC Converters THL 3WI(SM) Series, 3 Watt
Rev. March 6, 2023
THL3WISM TRACOPOWER-THL3WISM Datasheet
272Kb / 3P
DC/DC Converters THL 3WI(SM) Series, 3 Watt
Rev. March 6, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com