Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THL3WISM Datasheet (PDF) - TRACO Electronic AG

THL3WISM Datasheet PDF - TRACO Electronic AG
Part # THL3WISM
Download  THL3WISM Download
File Size   272.18 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converters THL 3WI(SM) Series, 3 Watt

THL3WISM Datasheet (PDF)

Go To PDF Page Download Datasheet
THL3WISM Datasheet PDF - TRACO Electronic AG

Part # THL3WISM
Download  THL3WISM Click to download

File Size   272.18 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converters THL 3WI(SM) Series, 3 Watt

THL3WISM Datasheet (HTML) - TRACO Electronic AG


THL3WISM Product details

Features
* Compact design in SMD or DIP package
* Ultra wide 4:1 input voltage range
* Fully regulated outputs
* I/O isolation 1500 VDC
* SMD version qualfied for leadfree re
flow solder process, MSL 2a
* Operating temp. range –40°C to +85°C
* Short circuit protection
* Remote On/Off control
* Input filter to meet EN 55022, class A
without external components
* 3-year product warranty




Similar Part No. - THL3WISM

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
THL3WISM TOUCHSTONE-THL3WISM Datasheet
302Kb / 3P
DC/DC Converters
More results


Similar Description - THL3WISM

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THL10 TRACOPOWER-THL10 Datasheet
920Kb / 4P
DC/DC Converter THL 10 Series, 10 Watt
Rev. Januaryy 11, 2023
THL15WI TRACOPOWER-THL15WI Datasheet
906Kb / 4P
DC/DC Converter THL 15WI Series, 15 Watt
Rev. Januaryy 19, 2023
THL25 TRACOPOWER-THL25 Datasheet
957Kb / 5P
DC/DC Converter THL 25 Series, 25 Watt
Rev. Januaryy 19, 2023
THL30WI TRACOPOWER-THL30WI Datasheet
1Mb / 5P
DC/DC Converter THL 30WI Series, 30 Watt
Rev. November 30, 2022
THM3WI TRACOPOWER-THM3WI Datasheet
977Kb / 5P
DC/DC Medical Converter THM 3WI Series, 3 Watt
Rev. November 30, 2022
THR3WI TRACOPOWER-THR3WI Datasheet
882Kb / 4P
DC/DC Converter THR 3WI Series, 3 Watt
Rev. November 30, 2022
TMR3WI TRACOPOWER-TMR3WI Datasheet
974Kb / 4P
DC/DC Converter TMR 3WI Series, 3 Watt
Rev. November 30, 2022
TEN3WI TRACOPOWER-TEN3WI Datasheet
219Kb / 3P
DC/DC Converters TEN 3WI Series, 3 Watt
Rev. February 20, 2023
THL3WI TRACOPOWER-THL3WI Datasheet
272Kb / 3P
DC/DC Converters THL 3WI(SM) Series, 3 Watt
Rev. March 6, 2023
THL6WISM TRACOPOWER-THL6WISM Datasheet
230Kb / 3P
DC/DC Converters THL 6WISM Series, 6 Watt
Rev. September 29, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com