Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THN30 Datasheet (PDF) - TRACO Electronic AG

THN30 Datasheet PDF - TRACO Electronic AG
Part # THN30
Download  THN30 Download
File Size   918.61 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter THN 30 Series, 30 Watt

THN30 Datasheet (PDF)

Go To PDF Page Download Datasheet
THN30 Datasheet PDF - TRACO Electronic AG

Part # THN30
Download  THN30 Click to download

File Size   918.61 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter THN 30 Series, 30 Watt

THN30 Datasheet (HTML) - TRACO Electronic AG


THN30 Product details

• Highest power density 30 W Converter!
Ultra compact size: 1.0" x 1.0" x 0.4"
• Shielded metal case with isolated
baseplate
• Wide 2:1 input voltage range
• Very high efficiency across full load
range up to 92%
• Over temperature protection
• Operating temp. range: –40°C to +80°C
and up to 85°C with heat sink
• Ultra low no load input current
• Remote On/Off control and output
voltage adjustable
• I/O isolation voltage 1600 VDC
• 3-year product warrenty




Similar Part No. - THN30

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
THN30 TOUCHSTONE-THN30 Datasheet
226Kb / 4P
DC/DC Converters
logo
TRACO Electronic AG
THN30 TRACOPOWER-THN30 Datasheet
349Kb / 1P
Heat Sink
Rev. November 30, 2022
logo
Touchstone Semiconducto...
THN30-1210 TOUCHSTONE-THN30-1210 Datasheet
226Kb / 4P
DC/DC Converters
THN30-1211 TOUCHSTONE-THN30-1211 Datasheet
226Kb / 4P
DC/DC Converters
THN30-1212 TOUCHSTONE-THN30-1212 Datasheet
226Kb / 4P
DC/DC Converters
More results


Similar Description - THN30

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM30EW-Z AIMTEC-AM30EW-Z Datasheet
464Kb / 6P
30 Watt | DC-DC Converter
AM30K-NZ AIMTEC-AM30K-NZ Datasheet
373Kb / 3P
30 Watt | DC-DC Converter
AM30K-Z AIMTEC-AM30K-Z Datasheet
445Kb / 4P
30 Watt | DC-DC Converter
AM30K-IZ AIMTEC-AM30K-IZ_13 Datasheet
382Kb / 5P
30 Watt | DC-DC Converter
AM30K-NZ AIMTEC-AM30K-NZ_13 Datasheet
287Kb / 3P
30 Watt | DC-DC Converter
AM30KW-IZ AIMTEC-AM30KW-IZ_13 Datasheet
496Kb / 5P
30 Watt | DC-DC Converter
AM30K-NZ AIMTEC-AM30K-NZ_16 Datasheet
154Kb / 3P
30 Watt | DC-DC Converter
AM30K-Z AIMTEC-AM30K-Z_16 Datasheet
400Kb / 4P
30 Watt | DC-DC Converter
logo
TRACO Electronic AG
THN30WI TRACOPOWER-THN30WI Datasheet
907Kb / 4P
DC/DC Converter THN 30WI Series, 30 Watt
Rev. November 30, 2022
THN30WIR TRACOPOWER-THN30WIR Datasheet
941Kb / 6P
DC/DC Railway Converter THN 30WIR Series, 30 Watt
Rev. November 30, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com