Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TON15WI Datasheet (PDF) - TRACO Electronic AG

TON15WI Datasheet PDF - TRACO Electronic AG
Part # TON15WI
Download  TON15WI Download
File Size   210.38 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converters TON 15WI Series, 15 Watt

TON15WI Datasheet (PDF)

Go To PDF Page Download Datasheet
TON15WI Datasheet PDF - TRACO Electronic AG

Part # TON15WI
Download  TON15WI Click to download

File Size   210.38 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converters TON 15WI Series, 15 Watt

TON15WI Datasheet (HTML) - TRACO Electronic AG


TON15WI Product details

Features
* Ultra compact 15W converter
* Ultra wide 4:1 input voltage range
* Cost efficient open frame design with
industry standard pin-out
* Surface-mount (SM) and through-hole
version
* I/O isolation voltage 2250V, rated for
basic insulation
* Extended operating temperature
range –40°C to +85°C
* Remote On/Off
* Lead free design, RoHS compliant
* 3-years product warranty




Similar Part No. - TON15WI

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TON15 TRACOPOWER-TON15 Datasheet
220Kb / 3P
DC/DC Converters TON 15 Series, 15 Watt
Rev. March 9, 2022
TON15-2410 TRACOPOWER-TON15-2410 Datasheet
220Kb / 3P
DC/DC Converters TON 15 Series, 15 Watt
Rev. March 9, 2022
TON15-2411 TRACOPOWER-TON15-2411 Datasheet
220Kb / 3P
DC/DC Converters TON 15 Series, 15 Watt
Rev. March 9, 2022
TON15-2412 TRACOPOWER-TON15-2412 Datasheet
220Kb / 3P
DC/DC Converters TON 15 Series, 15 Watt
Rev. March 9, 2022
TON15-2413 TRACOPOWER-TON15-2413 Datasheet
220Kb / 3P
DC/DC Converters TON 15 Series, 15 Watt
Rev. March 9, 2022
More results


Similar Description - TON15WI

ManufacturerPart #DatasheetDescription
logo
Power-One
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
15 Watt DC-DC Converters
logo
List of Unclassifed Man...
UM600 ETC1-UM600 Datasheet
25Kb / 2P
15 Watt DC-DC Converters
logo
AIMTEC
AM15E AIMTEC-AM15E Datasheet
267Kb / 3P
15 watt dc-dc converters
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
15 watt dc-dc converters
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
15 watt dc-dc converters
logo
TRACO Electronic AG
THL15WI TRACOPOWER-THL15WI Datasheet
906Kb / 4P
DC/DC Converter THL 15WI Series, 15 Watt
Rev. Januaryy 19, 2023
THM15WI TRACOPOWER-THM15WI Datasheet
982Kb / 5P
DC/DC Medical Converter THM 15WI Series, 15 Watt
Rev. November 30, 2022
THN15WI TRACOPOWER-THN15WI Datasheet
877Kb / 4P
DC/DC Converter THN 15WI Series, 15 Watt
Rev. February 9, 2023
TEN15WI TRACOPOWER-TEN15WI Datasheet
264Kb / 3P
DC/DC Converters TEN 15WI Series, 15 Watt
Rev. March 17, 2023
TON15 TRACOPOWER-TON15 Datasheet
220Kb / 3P
DC/DC Converters TON 15 Series, 15 Watt
Rev. March 9, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com