Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TON15 Datasheet (PDF) - TRACO Electronic AG

TON15 Datasheet PDF - TRACO Electronic AG
Part # TON15
Download  TON15 Download
File Size   220.71 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converters TON 15 Series, 15 Watt

TON15 Datasheet (PDF)

Go To PDF Page Download Datasheet
TON15 Datasheet PDF - TRACO Electronic AG

Part # TON15
Download  TON15 Click to download

File Size   220.71 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converters TON 15 Series, 15 Watt

TON15 Datasheet (HTML) - TRACO Electronic AG


TON15 Product details

Features
◆ Ultra compact 15W converter
◆ Cost efficient open frame design with
industry standard pin-out
◆ Surface-mount (SM) and through-hole
version
◆ I/O isolation voltage 2250V, rated for
basic insulation
◆ Extended operating temperature
range –40°C to +85°C
◆ Remote On/Off
◆ Under voltage lockout
◆ Lead free design, RoHS compliant
◆ 3-years product warranty




Similar Part No. - TON15

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TON15-2410WI TRACOPOWER-TON15-2410WI Datasheet
210Kb / 3P
DC/DC Converters TON 15WI Series, 15 Watt
Rev. March 21, 2023
TON15-2411WI TRACOPOWER-TON15-2411WI Datasheet
210Kb / 3P
DC/DC Converters TON 15WI Series, 15 Watt
Rev. March 21, 2023
TON15-2412WI TRACOPOWER-TON15-2412WI Datasheet
210Kb / 3P
DC/DC Converters TON 15WI Series, 15 Watt
Rev. March 21, 2023
TON15-2413WI TRACOPOWER-TON15-2413WI Datasheet
210Kb / 3P
DC/DC Converters TON 15WI Series, 15 Watt
Rev. March 21, 2023
TON15-4810WI TRACOPOWER-TON15-4810WI Datasheet
210Kb / 3P
DC/DC Converters TON 15WI Series, 15 Watt
Rev. March 21, 2023
More results


Similar Description - TON15

ManufacturerPart #DatasheetDescription
logo
Power-One
IMX15-25 POWER-ONE-IMX15-25 Datasheet
132Kb / 4P
15 Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
15 Watt DC-DC Converters
logo
List of Unclassifed Man...
UM600 ETC1-UM600 Datasheet
25Kb / 2P
15 Watt DC-DC Converters
logo
AIMTEC
AM15E AIMTEC-AM15E Datasheet
267Kb / 3P
15 watt dc-dc converters
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
15 watt dc-dc converters
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
15 watt dc-dc converters
logo
Bel Fuse Inc.
IMX15 BEL-IMX15 Datasheet
1Mb / 19P
15 Watt DC-DC Converters
logo
TRACO Electronic AG
TEL15 TRACOPOWER-TEL15 Datasheet
240Kb / 3P
DC/DC Converters TEL 15 Series, 15 Watt
Rev. March 17, 2023
TEN15 TRACOPOWER-TEN15 Datasheet
395Kb / 4P
DC/DC Converters TEN 15 Series, 15 Watt
Rev. May 7, 2021
TON15WI TRACOPOWER-TON15WI Datasheet
210Kb / 3P
DC/DC Converters TON 15WI Series, 15 Watt
Rev. March 21, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com