Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEL30 Datasheet (PDF) - TRACO Electronic AG

TEL30 Datasheet PDF - TRACO Electronic AG
Part # TEL30
Download  TEL30 Download
File Size   290.88 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converters TEL 30 Series, 30 Watt

TEL30 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEL30 Datasheet PDF - TRACO Electronic AG

Part # TEL30
Download  TEL30 Click to download

File Size   290.88 Kbytes
Page   3 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converters TEL 30 Series, 30 Watt

TEL30 Datasheet (HTML) - TRACO Electronic AG


TEL30 Product details

Features
◆ Highest power density: 30W in
51x25x9.6mm package
◆ Industry standard footprint
◆ Very high ffficiency
◆ Models with low output
Voltages: 2.5 & 3.3VDC
◆ Output voltage adjustable
◆ Optional remote On/Off
◆ Under voltage lockout
◆ Operating temperature range
–40°C to +71°C
◆ Six-side shielded metal case
◆ Lead free design, RoHS compliant
◆ 3-year product warranty




Similar Part No. - TEL30

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEL3 TRACOPOWER-TEL3 Datasheet
251Kb / 3P
DC/DC Converters TEL 3 Series, 3 Watt
Rev. February 20, 2023
TEL3-0511 TRACOPOWER-TEL3-0511 Datasheet
251Kb / 3P
DC/DC Converters TEL 3 Series, 3 Watt
Rev. February 20, 2023
TEL3-0512 TRACOPOWER-TEL3-0512 Datasheet
251Kb / 3P
DC/DC Converters TEL 3 Series, 3 Watt
Rev. February 20, 2023
TEL3-0513 TRACOPOWER-TEL3-0513 Datasheet
251Kb / 3P
DC/DC Converters TEL 3 Series, 3 Watt
Rev. February 20, 2023
TEL3-0522 TRACOPOWER-TEL3-0522 Datasheet
251Kb / 3P
DC/DC Converters TEL 3 Series, 3 Watt
Rev. February 20, 2023
More results


Similar Description - TEL30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UM1101 ETC1-UM1101 Datasheet
404Kb / 2P
25 to 30 Watt DC-DC Converters
WR12S05 ETC1-WR12S05 Datasheet
37Kb / 2P
30 Watt Wide input DC/DC converters
logo
AIMTEC
AM30K-C AIMTEC-AM30K-C Datasheet
294Kb / 2P
30 watt dc-dc converters
AM30K-I AIMTEC-AM30K-I Datasheet
221Kb / 3P
30 watt dc-dc converters
AM30KW-C AIMTEC-AM30KW-C Datasheet
330Kb / 3P
30 watt dc-dc converters
logo
Wall Industries,Inc.
JFC30 WALL-JFC30 Datasheet
515Kb / 6P
30 Watt DC/DC Power Converters
logo
TRACO Electronic AG
TEL15 TRACOPOWER-TEL15 Datasheet
240Kb / 3P
DC/DC Converters TEL 15 Series, 15 Watt
Rev. March 17, 2023
TEL2 TRACOPOWER-TEL2 Datasheet
209Kb / 3P
DC/DC Converters TEL 2 Series, 2 Watt
Rev. March 6, 2023
TEL3 TRACOPOWER-TEL3 Datasheet
251Kb / 3P
DC/DC Converters TEL 3 Series, 3 Watt
Rev. February 20, 2023
TEN30WI TRACOPOWER-TEN30WI Datasheet
310Kb / 4P
DC/DC Converters TEN 30WI Series, 30 Watt
Rev. March 9, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com