Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEC2WI Datasheet (PDF) - TRACO Electronic AG

TEC2WI Datasheet PDF - TRACO Electronic AG
Part # TEC2WI
Download  TEC2WI Download
File Size   868.83 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEC 2WI Series, 2 Watt

TEC2WI Datasheet (PDF)

Go To PDF Page Download Datasheet
TEC2WI Datasheet PDF - TRACO Electronic AG

Part # TEC2WI
Download  TEC2WI Click to download

File Size   868.83 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEC 2WI Series, 2 Watt

TEC2WI Datasheet (HTML) - TRACO Electronic AG


TEC2WI Product details

• Compact SIP-8 package
• I/O-isolation voltage 1‘600 VDC
• Ultra-wide 4:1 input voltage range
• Fully regulated outputs
• Operating temperature range –40°C to
+ 93°C
• Continuous short circuit protection
• Remote On/Off
• 3-year product warranty
• Designed to meet UL 62368-1




Similar Part No. - TEC2WI

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEC2 TRACOPOWER-TEC2 Datasheet
872Kb / 4P
TEC 2 Series, 2 Watt
Rev. November 30, 2022
TEC2-0910 TRACOPOWER-TEC2-0910 Datasheet
872Kb / 4P
TEC 2 Series, 2 Watt
Rev. November 30, 2022
TEC2-0911 TRACOPOWER-TEC2-0911 Datasheet
872Kb / 4P
TEC 2 Series, 2 Watt
Rev. November 30, 2022
TEC2-0912 TRACOPOWER-TEC2-0912 Datasheet
872Kb / 4P
TEC 2 Series, 2 Watt
Rev. November 30, 2022
TEC2-0913 TRACOPOWER-TEC2-0913 Datasheet
872Kb / 4P
TEC 2 Series, 2 Watt
Rev. November 30, 2022
More results


Similar Description - TEC2WI

ManufacturerPart #DatasheetDescription
logo
PEAK electronics GmbH
P10SG-053R3ELF PEAK-P10SG-053R3ELF Datasheet
137Kb / 3P
2 Watt
logo
TRACO Electronic AG
TDR2 TRACOPOWER-TDR2 Datasheet
897Kb / 4P
TDR 2 Series, 2 Watt
Rev. November 30, 2022
TDR2WI TRACOPOWER-TDR2WI Datasheet
889Kb / 4P
TDR 2WI Series, 2 Watt
Rev. November 30, 2022
TEC2 TRACOPOWER-TEC2 Datasheet
872Kb / 4P
TEC 2 Series, 2 Watt
Rev. November 30, 2022
TEC3 TRACOPOWER-TEC3 Datasheet
925Kb / 4P
TEC 3 Series, 3 Watt
Rev. November 30, 2022
TEC3WI TRACOPOWER-TEC3WI Datasheet
870Kb / 4P
TEC 3WI Series, 3 Watt
Rev. November 30, 2022
TES2H TRACOPOWER-TES2H Datasheet
840Kb / 5P
TES 2H Series, 2 Watt
Rev. November 30, 2022
TES2M TRACOPOWER-TES2M Datasheet
908Kb / 4P
TES 2M Series, 2 Watt
Rev. November 30, 2022
TMR2WI TRACOPOWER-TMR2WI Datasheet
926Kb / 4P
DC/DC Converter TMR 2WI Series, 2 Watt
Rev. November 30, 2022
TDL2 TRACOPOWER-TDL2 Datasheet
249Kb / 3P
TDL 2 Series, 2 Watt
Rev. December 15, 2021
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com