Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEN40 Datasheet (PDF) - TRACO Electronic AG

TEN40 Datasheet PDF - TRACO Electronic AG
Part # TEN40
Download  TEN40 Download
File Size   947.46 Kbytes
Page   6 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEN 40 Series, 40 Watt

TEN40 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEN40 Datasheet PDF - TRACO Electronic AG

Part # TEN40
Download  TEN40 Click to download

File Size   947.46 Kbytes
Page   6 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEN 40 Series, 40 Watt

TEN40 Datasheet (HTML) - TRACO Electronic AG


TEN40 Product details

• 40 Watt in a 2”x2” package
• Wide 2:1 input voltage range
• Extended operating temperature
range: –40°C to +75°C
• Over temperature protection, under
voltage lockout and Remote On/Off
• Shielded metal case with insulated
baseplate
• 3-years product warranty




Similar Part No. - TEN40

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEN40-11011WIRH TRACOPOWER-TEN40-11011WIRH Datasheet
956Kb / 5P
TEN 40WIRH Series, 40 Watt
Rev. November 30, 2022
TEN40-11012WIRH TRACOPOWER-TEN40-11012WIRH Datasheet
956Kb / 5P
TEN 40WIRH Series, 40 Watt
Rev. November 30, 2022
TEN40-11013WIRH TRACOPOWER-TEN40-11013WIRH Datasheet
956Kb / 5P
TEN 40WIRH Series, 40 Watt
Rev. November 30, 2022
TEN40-11015WIRH TRACOPOWER-TEN40-11015WIRH Datasheet
956Kb / 5P
TEN 40WIRH Series, 40 Watt
Rev. November 30, 2022
TEN40-11022WIRH TRACOPOWER-TEN40-11022WIRH Datasheet
956Kb / 5P
TEN 40WIRH Series, 40 Watt
Rev. November 30, 2022
More results


Similar Description - TEN40

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
PW153KB SLPOWER-PW153KB Datasheet
309Kb / 2P
Universal 40 Watt Series
logo
TRACO Electronic AG
TEN40E TRACOPOWER-TEN40E Datasheet
995Kb / 5P
TEN 40E Series, 40 Watt
Rev. November 30, 2022
TEN40N TRACOPOWER-TEN40N Datasheet
921Kb / 5P
TEN 40N Series, 40 Watt
Rev. November 30, 2022
TEN40WI TRACOPOWER-TEN40WI Datasheet
899Kb / 5P
TEN 40WI Series, 40 Watt
Rev. November 30, 2022
TEN40WIE TRACOPOWER-TEN40WIE Datasheet
1,006Kb / 5P
TEN 40WIE Series, 40 Watt
Rev. November 30, 2022
TEN40WIN TRACOPOWER-TEN40WIN Datasheet
925Kb / 5P
TEN 40WIN Series, 40 Watt
Rev. November 30, 2022
TEN40WIR TRACOPOWER-TEN40WIR Datasheet
925Kb / 5P
TEN 40WIR Series, 40 Watt
Rev. November 30, 2022
TEN40WIRH TRACOPOWER-TEN40WIRH Datasheet
956Kb / 5P
TEN 40WIRH Series, 40 Watt
Rev. November 30, 2022
TEP40UIR TRACOPOWER-TEP40UIR Datasheet
866Kb / 5P
TEP 40UIR Series, 40 Watt
Rev. November 30, 2022
TMDC40 TRACOPOWER-TMDC40 Datasheet
912Kb / 4P
DC/DC Converter TMDC 40 Series, 40 Watt
Rev. March 16, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com