Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEN8WI Datasheet (PDF) - TRACO Electronic AG

TEN8WI Datasheet PDF - TRACO Electronic AG
Part # TEN8WI
Download  TEN8WI Download
File Size   923.71 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEN 8WI Series, 8 Watt

TEN8WI Datasheet (PDF)

Go To PDF Page Download Datasheet
TEN8WI Datasheet PDF - TRACO Electronic AG

Part # TEN8WI
Download  TEN8WI Click to download

File Size   923.71 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TEN 8WI Series, 8 Watt

TEN8WI Datasheet (HTML) - TRACO Electronic AG


TEN8WI Product details

• Ultra wide 4:1 input range up to 160
VDC
• Certified for Railway applications (EN
50155)
• Operating temperature range -40°C to
+ 85°C
• Input under voltage lockout
• I/O isolation 1500 VDC
• Input filter to meet EN 55022 class A
• Remote On/Off




Similar Part No. - TEN8WI

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEN8 TRACOPOWER-TEN8 Datasheet
922Kb / 5P
TEN 8 Series, 8 Watt
Rev. November 30, 2022
TEN8-1210 TRACOPOWER-TEN8-1210 Datasheet
922Kb / 5P
TEN 8 Series, 8 Watt
Rev. November 30, 2022
TEN8-1211 TRACOPOWER-TEN8-1211 Datasheet
922Kb / 5P
TEN 8 Series, 8 Watt
Rev. November 30, 2022
TEN8-1212 TRACOPOWER-TEN8-1212 Datasheet
922Kb / 5P
TEN 8 Series, 8 Watt
Rev. November 30, 2022
TEN8-1213 TRACOPOWER-TEN8-1213 Datasheet
922Kb / 5P
TEN 8 Series, 8 Watt
Rev. November 30, 2022
More results


Similar Description - TEN8WI

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEL8WI TRACOPOWER-TEL8WI Datasheet
945Kb / 4P
TEL 8WI Series, 8 Watt
Rev. March 6, 2023
TEN10WIRH TRACOPOWER-TEN10WIRH Datasheet
969Kb / 5P
TEN 10WIRH Series, 10 Watt
Rev. November 30, 2022
TEN20WIR TRACOPOWER-TEN20WIR Datasheet
908Kb / 5P
TEN 20WIR Series, 20 Watt
Rev. December 6, 2022
TEN30 TRACOPOWER-TEN30 Datasheet
903Kb / 5P
TEN 30 Series, 30 Watt
Rev. November 30, 2022
TEN3WIN TRACOPOWER-TEN3WIN Datasheet
921Kb / 4P
TEN 3WIN Series, 3 Watt
Rev. Januaryy 19, 2023
TEN40E TRACOPOWER-TEN40E Datasheet
995Kb / 5P
TEN 40E Series, 40 Watt
Rev. November 30, 2022
TEN40WIE TRACOPOWER-TEN40WIE Datasheet
1,006Kb / 5P
TEN 40WIE Series, 40 Watt
Rev. November 30, 2022
TEN60 TRACOPOWER-TEN60 Datasheet
943Kb / 5P
TEN 60 Series, 60 Watt
Rev. November 30, 2022
TEN60WIR TRACOPOWER-TEN60WIR Datasheet
933Kb / 5P
TEN 60WIR Series, 60 Watt
Rev. November 30, 2022
TEN8 TRACOPOWER-TEN8 Datasheet
922Kb / 5P
TEN 8 Series, 8 Watt
Rev. November 30, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com