Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEX120 Datasheet (PDF) - TRACO Electronic AG

TEX120 Datasheet PDF - TRACO Electronic AG
Part # TEX120
Download  TEX120 Download
File Size   1049.56 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Industrial Power Supply TEX 120 Series, 120 Watt

TEX120 Datasheet (PDF)

Go To PDF Page Download Datasheet
TEX120 Datasheet PDF - TRACO Electronic AG

Part # TEX120
Download  TEX120 Click to download

File Size   1049.56 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Industrial Power Supply TEX 120 Series, 120 Watt

TEX120 Datasheet (HTML) - TRACO Electronic AG


TEX120 Product details

• Rugged isolated power supplies for
harsh outdoor environments
• Dust, water (incl. salt water), ice and oil
resistant enclosure
• IP67 and NEMA 4X rated
• Connection via waterproof I/O
plug-connectors
• Shock & vibration proof construction
• Operating temp. range –40°C to +85°C
• DC-OK indicator, voltage adjust
• Low ripple and noise
• Class I, zone 2 approval incl. ATEX
certification (tested in accordance to
IECEx)
• 3-year product warranty




Similar Part No. - TEX120

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TEX-C11 TRACOPOWER-TEX-C11 Datasheet
138Kb / 1P
AC Input cable assembly for TEX 120
Rev. August 24, 2022
TEX-C21 TRACOPOWER-TEX-C21 Datasheet
151Kb / 1P
DC Output cable assembly for TEX 120
Rev. August 24, 2022
TEX-P11 TRACOPOWER-TEX-P11 Datasheet
221Kb / 1P
AC Input connector for TEX 120
Rev. December 2, 2020
TEX-P21 TRACOPOWER-TEX-P21 Datasheet
236Kb / 1P
DC Output connector for TEX 120
Rev. December 2, 2020
logo
TALEMA Group. LLC
TEXD-400N-J TALEMA-TEXD-400N-J Datasheet
45Kb / 1P
Dual Port SMD Auto MDI/MDIX 10/100Base-T Isolation Transformer Modules
More results


Similar Description - TEX120

ManufacturerPart #DatasheetDescription
logo
ETA-USA
WRD-X-F-W ETA-USA-WRD-X-F-W Datasheet
1Mb / 3P
120 Watt AC/DC Dual Output
PLD-SZ ETA-USA-PLD-SZ Datasheet
689Kb / 4P
120 WATT AC-DC CONVERTER
logo
TRACO Electronic AG
TEX-C11 TRACOPOWER-TEX-C11 Datasheet
138Kb / 1P
AC Input cable assembly for TEX 120
Rev. August 24, 2022
TEX-C21 TRACOPOWER-TEX-C21 Datasheet
151Kb / 1P
DC Output cable assembly for TEX 120
Rev. August 24, 2022
TEX-P11 TRACOPOWER-TEX-P11 Datasheet
221Kb / 1P
AC Input connector for TEX 120
Rev. December 2, 2020
TEX-P21 TRACOPOWER-TEX-P21 Datasheet
236Kb / 1P
DC Output connector for TEX 120
Rev. December 2, 2020
TIB120-EX TRACOPOWER-TIB120-EX Datasheet
2Mb / 7P
AC/DC Industrial Power Supply TIB 120-EX Series, 120 Watt
Rev. November 30, 2022
TIB120 TRACOPOWER-TIB120 Datasheet
2Mb / 6P
AC/DC Industrial Power Supply TIB 120 Series, 120 Watt
Rev. November 30, 2022
TIB480 TRACOPOWER-TIB480 Datasheet
2Mb / 6P
AC/DC Industrial Power Supply TIB 480 Series, 480 Watt
Rev. November 30, 2022
TXH120 TRACOPOWER-TXH120 Datasheet
1Mb / 4P
AC/DC Power Supply TXH 120 Series, 120 Watt
Rev. March 16, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com