Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIB120 Datasheet (PDF) - TRACO Electronic AG

TIB120 Datasheet PDF - TRACO Electronic AG
Part # TIB120
Download  TIB120 Download
File Size   2417.77 Kbytes
Page   6 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Industrial Power Supply TIB 120 Series, 120 Watt

TIB120 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIB120 Datasheet PDF - TRACO Electronic AG

Part # TIB120
Download  TIB120 Click to download

File Size   2417.77 Kbytes
Page   6 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Industrial Power Supply TIB 120 Series, 120 Watt

TIB120 Datasheet (HTML) - TRACO Electronic AG


TIB120 Product details

• Slim profile, for DIN-rail mounting
• Alternative side-mounting for flat panels
• High power factor by active power
correction
• Very high efficiency up to 94%
• Back power immunity
• 150% peak current for 4 s
• Operating temperature range: –40°C to
+70°C max.
• Adjustable output voltage
• Short circuit and overload protection
• 3-year product warranty




Similar Part No. - TIB120

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TIB120-112EX TRACOPOWER-TIB120-112EX Datasheet
2Mb / 7P
AC/DC Industrial Power Supply TIB 120-EX Series, 120 Watt
Rev. November 30, 2022
TIB120-124EX TRACOPOWER-TIB120-124EX Datasheet
2Mb / 7P
AC/DC Industrial Power Supply TIB 120-EX Series, 120 Watt
Rev. November 30, 2022
TIB120-148EX TRACOPOWER-TIB120-148EX Datasheet
2Mb / 7P
AC/DC Industrial Power Supply TIB 120-EX Series, 120 Watt
Rev. November 30, 2022
TIB120-EX TRACOPOWER-TIB120-EX Datasheet
2Mb / 7P
AC/DC Industrial Power Supply TIB 120-EX Series, 120 Watt
Rev. November 30, 2022
More results


Similar Description - TIB120

ManufacturerPart #DatasheetDescription
logo
ETA-USA
PLD-SZ ETA-USA-PLD-SZ Datasheet
689Kb / 4P
120 WATT AC-DC CONVERTER
logo
TRACO Electronic AG
TEX120 TRACOPOWER-TEX120 Datasheet
1Mb / 5P
AC/DC Industrial Power Supply TEX 120 Series, 120 Watt
Rev. November 30, 2022
TIB080-EX TRACOPOWER-TIB080-EX Datasheet
2Mb / 7P
AC/DC Industrial Power Supply TIB 080-EX Series, 80 Watt
Rev. November 30, 2022
TIB080 TRACOPOWER-TIB080 Datasheet
2Mb / 6P
TIB 120-112EX TIB 120-124EX TIB 120-148EX
Rev. November 30, 2022
TIB120-EX TRACOPOWER-TIB120-EX Datasheet
2Mb / 7P
AC/DC Industrial Power Supply TIB 120-EX Series, 120 Watt
Rev. November 30, 2022
TIB240-EX TRACOPOWER-TIB240-EX Datasheet
2Mb / 7P
AC/DC Industrial Power Supply TIB 240-EX Series, 240 Watt
Rev. November 30, 2022
TIB240 TRACOPOWER-TIB240 Datasheet
2Mb / 6P
AC/DC Industrial Power Supply TIB 240 Series, 240 Watt
Rev. November 30, 2022
TIB480-EX TRACOPOWER-TIB480-EX Datasheet
2Mb / 7P
AC/DC Industrial Power Supply TIB 480-EX Series, 480 Watt
Rev. November 30, 2022
TIB480 TRACOPOWER-TIB480 Datasheet
2Mb / 6P
AC/DC Industrial Power Supply TIB 480 Series, 480 Watt
Rev. November 30, 2022
TXH120 TRACOPOWER-TXH120 Datasheet
1Mb / 4P
AC/DC Power Supply TXH 120 Series, 120 Watt
Rev. March 16, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com