Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIB080 Datasheet (PDF) - TRACO Electronic AG

TIB080 Datasheet PDF - TRACO Electronic AG
Part # TIB080
Download  TIB080 Download
File Size   2537.2 Kbytes
Page   6 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TIB 120-112EX TIB 120-124EX TIB 120-148EX

TIB080 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIB080 Datasheet PDF - TRACO Electronic AG

Part # TIB080
Download  TIB080 Click to download

File Size   2537.2 Kbytes
Page   6 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description TIB 120-112EX TIB 120-124EX TIB 120-148EX

TIB080 Datasheet (HTML) - TRACO Electronic AG


TIB080 Product details

• Slim profile, for DIN-rail mounting
• Alternative side-mounting for flat panels
• Very high efficiency up to 90%
• Back power immunity
• 150% peak current for 4 s
• Operating temperature range: –40°C to
+70°C max.
• Adjustable output voltage
• Short circuit and overload protection
• 3-year product warranty




Similar Part No. - TIB080

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TIB080-112EX TRACOPOWER-TIB080-112EX Datasheet
2Mb / 7P
AC/DC Industrial Power Supply TIB 080-EX Series, 80 Watt
Rev. November 30, 2022
TIB080-124EX TRACOPOWER-TIB080-124EX Datasheet
2Mb / 7P
AC/DC Industrial Power Supply TIB 080-EX Series, 80 Watt
Rev. November 30, 2022
TIB080-148EX TRACOPOWER-TIB080-148EX Datasheet
2Mb / 7P
AC/DC Industrial Power Supply TIB 080-EX Series, 80 Watt
Rev. November 30, 2022
TIB080-EX TRACOPOWER-TIB080-EX Datasheet
2Mb / 7P
AC/DC Industrial Power Supply TIB 080-EX Series, 80 Watt
Rev. November 30, 2022
More results


Similar Description - TIB080

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AA20140 ASTEC-AA20140 Datasheet
577Kb / 2P
120 Watts
AL60A ASTEC-AL60A Datasheet
840Kb / 2P
120 Watts
logo
List of Unclassifed Man...
FFB1224EHE ETC2-FFB1224EHE Datasheet
69Kb / 1P
120 x 120 x 38 MM SERIES
logo
TRACO Electronic AG
TIB080-EX TRACOPOWER-TIB080-EX Datasheet
2Mb / 7P
AC/DC Industrial Power Supply TIB 080-EX Series, 80 Watt
Rev. November 30, 2022
TIB120-EX TRACOPOWER-TIB120-EX Datasheet
2Mb / 7P
AC/DC Industrial Power Supply TIB 120-EX Series, 120 Watt
Rev. November 30, 2022
TIB120 TRACOPOWER-TIB120 Datasheet
2Mb / 6P
AC/DC Industrial Power Supply TIB 120 Series, 120 Watt
Rev. November 30, 2022
TIB240-EX TRACOPOWER-TIB240-EX Datasheet
2Mb / 7P
AC/DC Industrial Power Supply TIB 240-EX Series, 240 Watt
Rev. November 30, 2022
TIB240 TRACOPOWER-TIB240 Datasheet
2Mb / 6P
AC/DC Industrial Power Supply TIB 240 Series, 240 Watt
Rev. November 30, 2022
TIB480-EX TRACOPOWER-TIB480-EX Datasheet
2Mb / 7P
AC/DC Industrial Power Supply TIB 480-EX Series, 480 Watt
Rev. November 30, 2022
TIB480 TRACOPOWER-TIB480 Datasheet
2Mb / 6P
AC/DC Industrial Power Supply TIB 480 Series, 480 Watt
Rev. November 30, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com