Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THD10N Datasheet (PDF) - TRACO Electronic AG

THD10N Datasheet PDF - TRACO Electronic AG
Part # THD10N
Download  THD10N Download
File Size   906.46 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter THD 10N Series, 10 Watt

THD10N Datasheet (PDF)

Go To PDF Page Download Datasheet
THD10N Datasheet PDF - TRACO Electronic AG

Part # THD10N
Download  THD10N Click to download

File Size   906.46 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter THD 10N Series, 10 Watt

THD10N Datasheet (HTML) - TRACO Electronic AG


THD10N Product details

• Wide 2:1 input voltage range
• Internal EMI-filter meets EN 55032,
Class A without external components
• High efficiency up to 89%
• Operating temperature range
–40°C to +85°C
• I/O isolation 1'500 VDC
• Overload protection
• 3-year product warranty




Similar Part No. - THD10N

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THD10 TRACOPOWER-THD10 Datasheet
260Kb / 3P
DC/DC Converters THD 10 Series, 10 Watt
Rev. February 20, 2023
THD10-1210 TRACOPOWER-THD10-1210 Datasheet
260Kb / 3P
DC/DC Converters THD 10 Series, 10 Watt
Rev. February 20, 2023
THD10-1211 TRACOPOWER-THD10-1211 Datasheet
260Kb / 3P
DC/DC Converters THD 10 Series, 10 Watt
Rev. February 20, 2023
THD10-1212 TRACOPOWER-THD10-1212 Datasheet
260Kb / 3P
DC/DC Converters THD 10 Series, 10 Watt
Rev. February 20, 2023
THD10-1222 TRACOPOWER-THD10-1222 Datasheet
260Kb / 3P
DC/DC Converters THD 10 Series, 10 Watt
Rev. February 20, 2023
More results


Similar Description - THD10N

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM10C-FZ AIMTEC-AM10C-FZ Datasheet
123Kb / 3P
10 Watt | DC-DC Converter
AM10CW-FZ AIMTEC-AM10CW-FZ Datasheet
121Kb / 3P
10 Watt | DC-DC Converter
AM10TW-I-Z AIMTEC-AM10TW-I-Z Datasheet
268Kb / 3P
10 Watt | DC-DC Converter
AM10W-NZ AIMTEC-AM10W-NZ Datasheet
149Kb / 4P
10 Watt | DC-DC Converter
logo
TRACO Electronic AG
THD10WIN TRACOPOWER-THD10WIN Datasheet
952Kb / 4P
DC/DC Converter THD 10WIN Series, 10 Watt
Rev. February 13, 2023
THD12 TRACOPOWER-THD12 Datasheet
919Kb / 5P
DC/DC Converter THD 12 Series, 12 Watt
Rev. November 30, 2022
THD12WI TRACOPOWER-THD12WI Datasheet
926Kb / 4P
DC/DC Converter THD 12WI Series, 12 Watt
Rev. November 30, 2022
THD15N TRACOPOWER-THD15N Datasheet
913Kb / 4P
DC/DC Converter THD 15N Series, 15 Watt
Rev. November 30, 2022
THD15WIN TRACOPOWER-THD15WIN Datasheet
909Kb / 4P
DC/DC Converter THD 15WIN Series, 15 Watt
Rev. November 30, 2022
THD10 TRACOPOWER-THD10 Datasheet
260Kb / 3P
DC/DC Converters THD 10 Series, 10 Watt
Rev. February 20, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com