Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THD15N Datasheet (PDF) - TRACO Electronic AG

THD15N Datasheet PDF - TRACO Electronic AG
Part # THD15N
Download  THD15N Download
File Size   913.07 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter THD 15N Series, 15 Watt

THD15N Datasheet (PDF)

Go To PDF Page Download Datasheet
THD15N Datasheet PDF - TRACO Electronic AG

Part # THD15N
Download  THD15N Click to download

File Size   913.07 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Converter THD 15N Series, 15 Watt

THD15N Datasheet (HTML) - TRACO Electronic AG


THD15N Product details

• Highest power density in DIP 24
package
• Shielded metal case with isolated
Baseplate
• Very high efficiency up to 91%
• Wide 2:1 input ranges
• No minimum load required
• Input filter meets EN 55022 class A
without external components
• I/O isolation voltage 1500 VDC
• Operating temp. range : –40°C to
+85°C
• Remote On/Off control
• Industry standard pinout




Similar Part No. - THD15N

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
THD15-2410WIN TRACOPOWER-THD15-2410WIN Datasheet
909Kb / 4P
DC/DC Converter THD 15WIN Series, 15 Watt
Rev. November 30, 2022
THD15-2411WIN TRACOPOWER-THD15-2411WIN Datasheet
909Kb / 4P
DC/DC Converter THD 15WIN Series, 15 Watt
Rev. November 30, 2022
THD15-2412WIN TRACOPOWER-THD15-2412WIN Datasheet
909Kb / 4P
DC/DC Converter THD 15WIN Series, 15 Watt
Rev. November 30, 2022
THD15-2413WIN TRACOPOWER-THD15-2413WIN Datasheet
909Kb / 4P
DC/DC Converter THD 15WIN Series, 15 Watt
Rev. November 30, 2022
THD15-2421WIN TRACOPOWER-THD15-2421WIN Datasheet
909Kb / 4P
DC/DC Converter THD 15WIN Series, 15 Watt
Rev. November 30, 2022
More results


Similar Description - THD15N

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM15E-I AIMTEC-AM15E-I Datasheet
245Kb / 3P
15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z Datasheet
251Kb / 3P
15 Watt | DC-DC Converter
AM15EW-Z AIMTEC-AM15EW-Z_13 Datasheet
265Kb / 3P
15 Watt | DC-DC Converter
AM20EW-NZ AIMTEC-AM20EW-NZ Datasheet
199Kb / 4P
15 Watt | DC-DC Converter
logo
TRACO Electronic AG
THD10N TRACOPOWER-THD10N Datasheet
906Kb / 4P
DC/DC Converter THD 10N Series, 10 Watt
Rev. February 13, 2023
THD10WIN TRACOPOWER-THD10WIN Datasheet
952Kb / 4P
DC/DC Converter THD 10WIN Series, 10 Watt
Rev. February 13, 2023
THD12 TRACOPOWER-THD12 Datasheet
919Kb / 5P
DC/DC Converter THD 12 Series, 12 Watt
Rev. November 30, 2022
THD12WI TRACOPOWER-THD12WI Datasheet
926Kb / 4P
DC/DC Converter THD 12WI Series, 12 Watt
Rev. November 30, 2022
THD15WIN TRACOPOWER-THD15WIN Datasheet
909Kb / 4P
DC/DC Converter THD 15WIN Series, 15 Watt
Rev. November 30, 2022
THN15N TRACOPOWER-THN15N Datasheet
921Kb / 5P
DC/DC Converter THN 15N Series, 15 Watt
Rev. November 30, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com