Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIM2 Datasheet (PDF) - TRACO Electronic AG

TIM2 Datasheet PDF - TRACO Electronic AG
Part # TIM2
Download  TIM2 Download
File Size   897.37 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Medical Converter TIM 2 Series, 2 Watt

TIM2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIM2 Datasheet PDF - TRACO Electronic AG

Part # TIM2
Download  TIM2 Click to download

File Size   897.37 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Medical Converter TIM 2 Series, 2 Watt

TIM2 Datasheet (HTML) - TRACO Electronic AG


TIM2 Product details

• Compact DIP-16-package
• I/O isolation 5000 VAC rated for 250
VAC working voltage
• Certification according to IEC/EN/ES
60601-1 3rd edition for 2xMOPP and
operation up to 5000 m altitude
• Low leakage current < 2 μA
• Extended operating temperature range
–40°C to 95°C.
• 5-year product warranty




Similar Part No. - TIM2

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TIM2-0910SM TRACOPOWER-TIM2-0910SM Datasheet
919Kb / 5P
DC/DC Medical Converter TIM 2SM Series, 2 Watt
Rev. November 30, 2022
TIM2-0911SM TRACOPOWER-TIM2-0911SM Datasheet
919Kb / 5P
DC/DC Medical Converter TIM 2SM Series, 2 Watt
Rev. November 30, 2022
TIM2-0912SM TRACOPOWER-TIM2-0912SM Datasheet
919Kb / 5P
DC/DC Medical Converter TIM 2SM Series, 2 Watt
Rev. November 30, 2022
TIM2-0913SM TRACOPOWER-TIM2-0913SM Datasheet
919Kb / 5P
DC/DC Medical Converter TIM 2SM Series, 2 Watt
Rev. November 30, 2022
TIM2-0915SM TRACOPOWER-TIM2-0915SM Datasheet
919Kb / 5P
DC/DC Medical Converter TIM 2SM Series, 2 Watt
Rev. November 30, 2022
More results


Similar Description - TIM2

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2D-RZ AIMTEC-AM2D-RZ Datasheet
263Kb / 5P
2 Watt | DC-DC Converter
AM2G-Z AIMTEC-AM2G-Z Datasheet
613Kb / 7P
2 Watt | DC-DC Converter
AM2GH-Z AIMTEC-AM2GH-Z_13 Datasheet
629Kb / 4P
2 Watt | DC-DC Converter
AM2GW-Z AIMTEC-AM2GW-Z_13 Datasheet
252Kb / 4P
2 Watt | DC-DC Converter
AM2LP-NZ AIMTEC-AM2LP-NZ_13 Datasheet
241Kb / 3P
2 Watt | DC-DC Converter
logo
TRACO Electronic AG
THI2 TRACOPOWER-THI2 Datasheet
837Kb / 4P
DC/DC Converter THI 2 Series, 2 Watt
Rev. November 30, 2022
TIM2SM TRACOPOWER-TIM2SM Datasheet
919Kb / 5P
DC/DC Medical Converter TIM 2SM Series, 2 Watt
Rev. November 30, 2022
TMR2 TRACOPOWER-TMR2 Datasheet
958Kb / 4P
DC/DC Converter TMR 2 Series, 2 Watt
Rev. November 30, 2022
TRS2 TRACOPOWER-TRS2 Datasheet
902Kb / 4P
DC/DC Converter TRS 2 Series, 2 Watt
Rev. November 30, 2022
TRV2M TRACOPOWER-TRV2M Datasheet
896Kb / 5P
DC/DC Medical Converter TRV 2M Series, 2 Watt
Rev. November 30, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com