Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIM3-5 Datasheet (PDF) - TRACO Electronic AG

TIM3-5 Datasheet PDF - TRACO Electronic AG
Part # TIM3-5
Download  TIM3-5 Download
File Size   919.18 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Medical Converter TIM 3.5 Series, 3.5 Watt

TIM3-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIM3-5 Datasheet PDF - TRACO Electronic AG

Part # TIM3-5
Download  TIM3-5 Click to download

File Size   919.18 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description DC/DC Medical Converter TIM 3.5 Series, 3.5 Watt

TIM3-5 Datasheet (HTML) - TRACO Electronic AG


TIM3-5 Product details

• Compact DIP-16-package
• I/O isolation 5000 VACrms rated for 250
VACrms working voltage
• Certification according to IEC/EN/ES
60601-1 3rd edition for 2xMOPP and
operation to 5000 m altitude
• Low leakage current < 2 μA for
BF-applications
• Extended operating temperature range
–40°C to 90°C
• 5-year product warranty




Similar Part No. - TIM3-5

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TIM3-5SM TRACOPOWER-TIM3-5SM Datasheet
922Kb / 5P
DC/DC Medical Converter TIM 3.5SM Series, 3.5 Watt
Rev. November 30, 2022
More results


Similar Description - TIM3-5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
ME WALL-ME Datasheet
110Kb / 6P
5~6 Watt Medical DC/DC Converter
logo
TRACO Electronic AG
THM10 TRACOPOWER-THM10 Datasheet
980Kb / 6P
DC/DC Medical Converter THM 10 Series, 10 Watt
Rev. November 30, 2022
THM10WI TRACOPOWER-THM10WI Datasheet
982Kb / 5P
DC/DC Medical Converter THM 10WI Series, 10 Watt
Rev. November 30, 2022
THM3 TRACOPOWER-THM3 Datasheet
976Kb / 6P
DC/DC Medical Converter THM 3 Series, 3 Watt
Rev. November 30, 2022
THM30 TRACOPOWER-THM30 Datasheet
978Kb / 5P
DC/DC Medical Converter THM 30 Series, 30 Watt
Rev. November 30, 2022
THM6 TRACOPOWER-THM6 Datasheet
973Kb / 6P
DC/DC Medical Converter THM 6 Series, 6 Watt
Rev. November 30, 2022
TIM2 TRACOPOWER-TIM2 Datasheet
897Kb / 4P
DC/DC Medical Converter TIM 2 Series, 2 Watt
Rev. November 30, 2022
TIM2SM TRACOPOWER-TIM2SM Datasheet
919Kb / 5P
DC/DC Medical Converter TIM 2SM Series, 2 Watt
Rev. November 30, 2022
TIM3-5SM TRACOPOWER-TIM3-5SM Datasheet
922Kb / 5P
DC/DC Medical Converter TIM 3.5SM Series, 3.5 Watt
Rev. November 30, 2022
TRI3 TRACOPOWER-TRI3 Datasheet
894Kb / 4P
DC/DC Converter TRI 3 Series, 3.5 Watt
Rev. November 30, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com