Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF20 Datasheet (PDF) - TRACO Electronic AG

TMF20 Datasheet PDF - TRACO Electronic AG
Part # TMF20
Download  TMF20 Download
File Size   3106.32 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Medical Power Supply TMF 20 Series, 20 Watt

TMF20 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMF20 Datasheet PDF - TRACO Electronic AG

Part # TMF20
Download  TMF20 Click to download

File Size   3106.32 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Medical Power Supply TMF 20 Series, 20 Watt

TMF20 Datasheet (HTML) - TRACO Electronic AG


TMF20 Product details

• Fully encapsulated power supplies in
plasic casing for PCB mount
• Certification according to IEC/EN/ES
60601-1 3rd edition for 2xMOPP
• Risk management process according to
ISO 14971 incl. risk management file
• Acceptance criteria for electronic
assemblies acc. to IPC-A-610 Level 3
• Low leakage current <100 μA rated for
BF applications
• Operating temperature range: –25°C to
+70°C max.
• Protection against short-circuit, over
load and over voltage
• Protection class II prepared
• 5-year product warranty




Similar Part No. - TMF20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMF20 ETC2-TMF20 Datasheet
136Kb / 1P
EM Clutch (with flange mounted field)
logo
Topstek Inc.
TMF2000A TOPSTEK-TMF2000A Datasheet
135Kb / 2P
Topstek Current Transducer
More results


Similar Description - TMF20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS20AC-12 STMICROELECTRONICS-GS20AC-12 Datasheet
55Kb / 3P
20 WATT AC-DC CONVERTER
GS20AC-12-2
logo
Wall Industries,Inc.
DTIPU20 WALL-DTIPU20 Datasheet
154Kb / 2P
20 Watt Single Output AC/DC Desktop Power Supply
DTSPU20 WALL-DTSPU20 Datasheet
154Kb / 3P
20 Watt Single Output AC/DC Desktop Power Supply
logo
AIMTEC
AMEL20-MAZ AIMTEC-AMEL20-MAZ Datasheet
292Kb / 4P
20 Watt | AC-DC Converter
AMEL20-AZ AIMTEC-AMEL20-AZ Datasheet
337Kb / 3P
20 Watt | AC-DC Converter
logo
ETA-USA
ZMB65-SX-W6 ETA-USA-ZMB65-SX-W6 Datasheet
1Mb / 2P
65 Watt AC/DC Medical Power Supply
logo
TRACO Electronic AG
THM20 TRACOPOWER-THM20 Datasheet
950Kb / 5P
DC/DC Medical Converter THM 20 Series, 20 Watt
Rev. November 30, 2022
TMF05 TRACOPOWER-TMF05 Datasheet
2Mb / 4P
AC/DC Medical Power Supply TMF 05 Series, 5 Watt
Rev. January 25, 2023
TMF10 TRACOPOWER-TMF10 Datasheet
2Mb / 4P
AC/DC Medical Power Supply TMF 10 Series, 10 Watt
Rev. January 25, 2023
TMF30 TRACOPOWER-TMF30 Datasheet
3Mb / 4P
AC/DC Medical Power Supply TMF 30 Series, 30 Watt
Rev. January 25, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com