Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF05 Datasheet (PDF) - TRACO Electronic AG

TMF05 Datasheet PDF - TRACO Electronic AG
Part # TMF05
Download  TMF05 Download
File Size   2358.99 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Medical Power Supply TMF 05 Series, 5 Watt

TMF05 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMF05 Datasheet PDF - TRACO Electronic AG

Part # TMF05
Download  TMF05 Click to download

File Size   2358.99 Kbytes
Page   4 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Medical Power Supply TMF 05 Series, 5 Watt

TMF05 Datasheet (HTML) - TRACO Electronic AG


TMF05 Product details

• Fully encapsulated power supplies in
plasic casing for PCB mount
• Certification according to IEC/EN/ES
60601-1 3rd edition for 2xMOPP
• Risk management process according to
ISO 14971 incl. risk management file
• Acceptance criteria for electronic
assemblies acc. to IPC-A-610 Level 3
• Low leakage current <100 μA rated for
BF applications
• Operating temperature range: –25°C to
+70°C max.
• Protection against short-circuit, over
load and over voltage
• Protection class II prepared
• 5-year product warranty




Similar Part No. - TMF05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TMF0.6 ETC2-TMF0.6 Datasheet
136Kb / 1P
EM Clutch (with flange mounted field)
logo
Texas Instruments
TMF0008 TI2-TMF0008 Datasheet
1Mb / 35P
TMF0008 8K bits Serial FRAM With SDQ Interface
JULY 2025
TMF0008DRS TI2-TMF0008DRS Datasheet
1Mb / 35P
TMF0008 8K bits Serial FRAM With SDQ Interface
JULY 2025
TMF0008LP TI2-TMF0008LP Datasheet
1Mb / 35P
TMF0008 8K bits Serial FRAM With SDQ Interface
JULY 2025
TMF0008PS TI2-TMF0008PS Datasheet
1Mb / 35P
TMF0008 8K bits Serial FRAM With SDQ Interface
JULY 2025
More results


Similar Description - TMF05

ManufacturerPart #DatasheetDescription
logo
ETA-USA
ZMB65-SX-W6 ETA-USA-ZMB65-SX-W6 Datasheet
1Mb / 2P
65 Watt AC/DC Medical Power Supply
logo
TRACO Electronic AG
TMF10 TRACOPOWER-TMF10 Datasheet
2Mb / 4P
AC/DC Medical Power Supply TMF 10 Series, 10 Watt
Rev. January 25, 2023
TMF20 TRACOPOWER-TMF20 Datasheet
3Mb / 4P
AC/DC Medical Power Supply TMF 20 Series, 20 Watt
Rev. January 25, 2023
TMF30 TRACOPOWER-TMF30 Datasheet
3Mb / 4P
AC/DC Medical Power Supply TMF 30 Series, 30 Watt
Rev. January 25, 2023
TMPS05 TRACOPOWER-TMPS05 Datasheet
1,014Kb / 5P
AC/DC Power Supply TMPS 05 Series, 5 Watt
Rev. March 16, 2023
TMPW5 TRACOPOWER-TMPW5 Datasheet
963Kb / 4P
AC/DC Power Supply TMPW 5 Series, 5 Watt
Rev. November 30, 2022
TMW24P TRACOPOWER-TMW24P Datasheet
1Mb / 5P
AC/DC Medical Power Supply TMW 24P Series, 24 Watt
Rev. November 30, 2022
TMW36 TRACOPOWER-TMW36 Datasheet
1Mb / 5P
AC/DC Medical Power Supply TMW 36 Series, 36 Watt
Rev. November 30, 2022
TMW36P TRACOPOWER-TMW36P Datasheet
1Mb / 5P
AC/DC Medical Power Supply TMW 36P Series, 36 Watt
Rev. November 30, 2022
TPP450A TRACOPOWER-TPP450A Datasheet
1Mb / 5P
AC/DC Medical Power Supply TPP 450A Series, 450 Watt
Rev. March 16, 2023
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com