Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF0008PS Datasheet (PDF) - Texas Instruments

TMF0008PS Datasheet PDF - Texas Instruments
Part # TMF0008PS
Download  TMF0008PS Download
File Size   1124.74 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMF0008 8K bits Serial FRAM With SDQ Interface

TMF0008PS Datasheet (PDF)

Go To PDF Page Download Datasheet
TMF0008PS Datasheet PDF - Texas Instruments

Part # TMF0008PS
Download  TMF0008PS Click to download

File Size   1124.74 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMF0008 8K bits Serial FRAM With SDQ Interface

TMF0008PS Datasheet (HTML) - Texas Instruments


TMF0008PS Product details

1 Features
• 7680 Bits of FRAM for storage of userprogrammable
configuration data partitioned into
multiple pages
• Single-wire interface to reduce circuit board routing
• Communicates at 15.4Kbps (standard Speed) and
90Kbps (overdrive Speed)
• Switch-point hysteresis and filtering embedded in
the device to improve performance in the presence
of noise
• IEC 61000-4-2 level 4 ESD protection (±8kV
contact, ±15kV air, typical)
• Factory-programmed unique 64-bit identification
number
• Operating temperature range: -10°C to 85°C
• Operating voltage range: 5V ±5% (standard and
overdrive speed)
• Operating voltage range: 3.3V ±5% (standard
speed only)
• Available in TO-92 (LP), WSON (DRS) and SO
(PS) packages

2 Applications
• Medical cable identification
• Asset trackers
• Connected peripherals & printers
• Counterfeit hardware prevention

3 Description
The TMF0008 is an 8K bits serial Non-Volatile
Memory (NVM) device containing a unique factoryprogrammed
48-bit identification number and 8-bit
family code. The memory is FRAM-based and has
higher endurance (106 R/W cycles) compared to other
NVM technologies.
The device communicates over a SDQ™ single-wire
interface and supports both 15.4Kbps and 90Kbps
speeds. The SDQ pin acts as communication and
power for the device. The memory is organized as
thirty memory pages of 256 bits each. Data is written
to a 32-byte scratchpad for verification before being
copied to FRAM memory.
The device operates at two supply voltage ranges:
3.3V ±5% and 5V ±5% and is specified from -10°C
to 85°C range. This operating range covers most
applications and at the same time enables optimized
design for low-cost development.




Similar Part No. - TMF0008PS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMF0020 TI2-TMF0020 Datasheet
1Mb / 40P
TMF0020 20Kb FRAM with 64-bit unique ID, Single Wire SDQ™ Interface compatible with 1-Wire® Protocol
MAY 2026
TMF0020DRPR TI2-TMF0020DRPR Datasheet
1Mb / 40P
TMF0020 20Kb FRAM with 64-bit unique ID, Single Wire SDQ™ Interface compatible with 1-Wire® Protocol
MAY 2026
TMF0064 TI2-TMF0064 Datasheet
1Mb / 37P
TMF0064 64Kbit Serial FRAM With SDQ Interface
SEPTEMBER 2025
TMF0064DRPR TI2-TMF0064DRPR Datasheet
1Mb / 37P
TMF0064 64Kbit Serial FRAM With SDQ Interface
SEPTEMBER 2025
More results


Similar Description - TMF0008PS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2022 TI-BQ2022 Datasheet
184Kb / 19P
1K-BIT SERLAL EPROM WITH SDQ INTERFACE
BQ2022A TI-BQ2022A Datasheet
297Kb / 20P
1K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2024 TI-BQ2024 Datasheet
317Kb / 19P
1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2026 TI1-BQ2026 Datasheet
654Kb / 22P
1.5K-Bit Serial EPROM With SDQ Interface
logo
Renesas Technology Corp
R1EX24008ASAS0G RENESAS-R1EX24008ASAS0G Datasheet
498Kb / 18P
Two-wire serial interface 8k EEPROM
logo
Texas Instruments
BQ2022A TI1-BQ2022A Datasheet
992Kb / 33P
1K-Bit Serial EPROM with SDQ Interface
BQ2022 TI1-BQ2022_13 Datasheet
308Kb / 20P
1K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2024 TI1-BQ2024_13 Datasheet
471Kb / 22P
1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2022A TI1-BQ2022A_17 Datasheet
1Mb / 37P
1K-Bit Serial EPROM with SDQ Interface
logo
AiT Semiconductor Inc.
A24C08 AITSEMI-A24C08 Datasheet
714Kb / 19P
MEMORY EEPROM 8k BITS (1024X8) TWO-WIRE SERIAL
REV3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com