Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF0020DRPR Datasheet (PDF) - Texas Instruments

TMF0020DRPR Datasheet PDF - Texas Instruments
Part # TMF0020DRPR
Download  TMF0020DRPR Download
File Size   1305.12 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMF0020 20Kb FRAM with 64-bit unique ID, Single Wire SDQ™ Interface compatible with 1-Wire® Protocol

TMF0020DRPR Datasheet (PDF)

Go To PDF Page Download Datasheet
TMF0020DRPR Datasheet PDF - Texas Instruments

Part # TMF0020DRPR
Download  TMF0020DRPR Click to download

File Size   1305.12 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMF0020 20Kb FRAM with 64-bit unique ID, Single Wire SDQ™ Interface compatible with 1-Wire® Protocol

TMF0020DRPR Datasheet (HTML) - Texas Instruments


TMF0020DRPR Product details

1 Features
• 20480 Bits of FRAM for storage of userprogrammable configuration data partitioned into multiple pages
• Single-wire interface (1-wire® compatible) to reduce circuit board routing
• Communicates using single-wire protocol (compatible with 1-wire® protocol): 15.4Kbps (standard Speed) and 90Kbps (Overdrive Speed)
• Switch-point hysteresis and filtering embedded in the device to improve performance in the presence of noise
• IEC 61000-4-2 level 4 ESD protection (±8kV contact, ±15kV air, typical)
• Factory-programmed unique 64-bit identification number
• Operating temperature range: -10°C to 85°C
• Operating voltage range: 5V ±5% (Standard and
Overdrive Speed), 3.3V ±5% (Standard Speed only)
• Available in TO-92 (LP) and VSON (DRP) packages

2 Applications
• Medical Cable Identification
• Asset trackers
• Connected peripherals & printers
• Counterfeit hardware prevention

3 Description
The TMF0020 is a 20K bit serial non-volatile memory (NVM) device containing a unique factoryprogrammed 48-bit identification number and an 8-bit family code. The memory is FRAM-based and has high endurance (106 R/W cycles) compared to other NVM technologies.
The device communicates over an SDQ™ singlewire interface compatible with 1-wire® protocol and supports both 15.4Kbps and 90Kbps speeds. The SDQ single-wire serial interface pin acts as both the communication pin and power pin for the device. The memory is organized as 80 memory pages with 256 bits per page. Data is first written to a 32-byte scratchpad. Then the data is verified before copying to FRAM memory.
The device operates at two supply voltage ranges, 3.3V ±5% and 5V ±5%, and is specified from -10°C to 85°C. The operating range covers most applications and enables peak design for low-cost development.
1-Wire® is a registered trademark of Maxim Integrated Products, Inc.




Similar Part No. - TMF0020DRPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMF0008 TI2-TMF0008 Datasheet
1Mb / 35P
TMF0008 8K bits Serial FRAM With SDQ Interface
JULY 2025
TMF0008DRS TI2-TMF0008DRS Datasheet
1Mb / 35P
TMF0008 8K bits Serial FRAM With SDQ Interface
JULY 2025
TMF0008LP TI2-TMF0008LP Datasheet
1Mb / 35P
TMF0008 8K bits Serial FRAM With SDQ Interface
JULY 2025
TMF0008PS TI2-TMF0008PS Datasheet
1Mb / 35P
TMF0008 8K bits Serial FRAM With SDQ Interface
JULY 2025
TMF0008PSR TI2-TMF0008PSR Datasheet
1Mb / 35P
TMF0008 8K bits Serial FRAM With SDQ Interface
JULY 2025
More results


Similar Description - TMF0020DRPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2022 TI-BQ2022 Datasheet
184Kb / 19P
1K-BIT SERLAL EPROM WITH SDQ INTERFACE
BQ2022A TI-BQ2022A Datasheet
297Kb / 20P
1K-BIT SERIAL EPROM WITH SDQ INTERFACE
BQ2024 TI-BQ2024 Datasheet
317Kb / 19P
1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
logo
Dallas Semiconductor
DS28EC20 DALLAS-DS28EC20 Datasheet
269Kb / 24P
20Kb 1-Wire EEPROM
logo
Maxim Integrated Produc...
DS28EC20 MAXIM-DS28EC20 Datasheet
457Kb / 27P
20Kb 1-Wire EEPROM
REV: 040109
DS28EC20 MAXIM-DS28EC20_11 Datasheet
186Kb / 27P
20Kb 1-Wire EEPROM
Rev 3; 11/11
logo
Texas Instruments
BQ2026 TI1-BQ2026 Datasheet
654Kb / 22P
1.5K-Bit Serial EPROM With SDQ Interface
logo
Maxim Integrated Produc...
DS28EC20_1203 MAXIM-DS28EC20_1203 Datasheet
411Kb / 27P
20Kb 1-Wire EEPROM
Rev 4; 3/12
logo
Texas Instruments
BQ2022A TI1-BQ2022A Datasheet
992Kb / 33P
1K-Bit Serial EPROM with SDQ Interface
BQ2024 TI1-BQ2024_13 Datasheet
471Kb / 22P
1.5K-BIT SERIAL EPROM WITH SDQ INTERFACE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com