Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF0020DRPR Datasheet(PDF) 8 Page - Texas Instruments

Part # TMF0020DRPR
Description  TMF0020 20Kb FRAM with 64-bit unique ID, Single Wire SDQ™ Interface compatible with 1-Wire® Protocol
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMF0020DRPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMF0020DRPR Datasheet HTML 4Page - Texas Instruments TMF0020DRPR Datasheet HTML 5Page - Texas Instruments TMF0020DRPR Datasheet HTML 6Page - Texas Instruments TMF0020DRPR Datasheet HTML 7Page - Texas Instruments TMF0020DRPR Datasheet HTML 8Page - Texas Instruments TMF0020DRPR Datasheet HTML 9Page - Texas Instruments TMF0020DRPR Datasheet HTML 10Page - Texas Instruments TMF0020DRPR Datasheet HTML 11Page - Texas Instruments TMF0020DRPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
6 Detailed Description
6.1 Overview
The Functional Block Diagram section presents the on-chip block level components of the TMF0020 device. The
device has the following data components: a 20480-bit FRAM data memory, and a 64-bit factor-programmed
ROM, which contains an 8-bit family code, a 48-bit identification number, and an 8-bit CRC value. Power for read
and write operations is derived from the SDQ single-wire serial interface pin. An internal capacitor stores energy
while the signal line is high and releases energy during the low times of the SDQ single-wire serial interface pin
until the pin returns high to replenish the charge on the capacitor.
6.2 Functional Block Diagram
TMF0020
RPUP ~ 500
µC
VPUP
GND
ESD
Internal
Charge
Storage
SDQ
Power
Conditioning
MCLK
DIGITAL
FRAM
20kb
OTP
64bit unique ID
Figure 6-1. Functional Block Diagram
6.3 Feature Description
6.3.1 20480-Bit FRAM
Table 6-1 is a memory map of the 20480-bit FRAM section of the TMF0020 device, configured as 80 pages with
32-bytes each. Eight adjacent pages form one 256-byte block. The FRAM memory is programmed using the
32-byte volatile scratchpad buffer. The process for writing to the FRAM memory includes two steps. Data is first
written to the scratchpad buffer. The data is then verified by reading the scratchpad buffer which confirms proper
receipt of the data. If the buffer content is correct, a copy scratchpad command is issued to copy the scratchpad
buffer to the FRAM memory. This process verifies data integrity when programming the memory. The details for
programming and reading the 20480-bit FRAM portion of the TMF0020 are in the Memory Function Commands
section of this data sheet.
Table 6-1. FRAM Data Memory Map
ADDRESS RANGE
TYPE (1)
DESCRIPTION
PROTECTION CODES (NOTES)
0000h to 00FFh
R/(W)
Data Memory Pages 0 to 7 (Block 0)
(Protection controlled by address 1FA0h)
0100h to 01FFh
R/(W)
Data Memory Pages 8 to 15 (Block 1)
(Protection controlled by address 1FA1h)
0200h to 02FFh
R/(W)
Data Memory Pages 16 to 23 (Block 2)
(Protection controlled by address 1FA2h)
0300h to 03FFh
R/(W)
Data Memory Pages 24 to 31 (Block 3)
(Protection controlled by address 1FA3h)
0400h to 04FFh
R/(W)
Data Memory Pages 32 to 39 (Block 4)
(Protection controlled by address 1FA4h)
0500h to 05FFh
R/(W)
Data Memory Pages 40 to 47 (Block 5)
(Protection controlled by address 1FA5h)
0600h to 06FFh
R/(W)
Data Memory Pages 48 to 55 (Block 6)
(Protection controlled by address 1FA6h)
0700h to 07FFh
R/(W)
Data Memory Pages 56 to 63 (Block 7)
(Protection controlled by address 1FA7h)
0800h to 08FFh
R/(W)
Data Memory Pages 64 to 71 (Block 8)
(Protection controlled by address 1FA8h)
TMF0020
SLVSJQ4 – MAY 2026
www.ti.com
8
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TMF0020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com