Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF0020DRPR Datasheet(PDF) 13 Page - Texas Instruments

Part # TMF0020DRPR
Description  TMF0020 20Kb FRAM with 64-bit unique ID, Single Wire SDQ™ Interface compatible with 1-Wire® Protocol
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMF0020DRPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMF0020DRPR Datasheet HTML 9Page - Texas Instruments TMF0020DRPR Datasheet HTML 10Page - Texas Instruments TMF0020DRPR Datasheet HTML 11Page - Texas Instruments TMF0020DRPR Datasheet HTML 12Page - Texas Instruments TMF0020DRPR Datasheet HTML 13Page - Texas Instruments TMF0020DRPR Datasheet HTML 14Page - Texas Instruments TMF0020DRPR Datasheet HTML 15Page - Texas Instruments TMF0020DRPR Datasheet HTML 16Page - Texas Instruments TMF0020DRPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
TMF0020
COMMAND LEVELS
ROM
COMMANDS
MEMORY
COMMANDS
READ ROM
MATCH ROM
SEARCH ROM
SKIP ROM
RESUME
OVERDRIVE SKIP ROM
OVERDRIVE MATCH ROM
COMMANDS
WRITE SCRATCHPAD
READ SCRATCHPAD
COPY SCRATCHPAD
READ MEMORY
EXTENDED READ MEMORY
Figure 6-7. Command Structure for the TMF0020
6.5.2 Initialization
The host always begins the transaction with the TMF0020 (target) devices through an initialization process. The
initialization process consists of the RESET and PRESENCE pulses. The host generates the RESET pulse,
while the TMF0020 devices acknowledge the RESET pulse with the PRESENCE pulse. The host resets the
TMF0020 devices by driving the SDQ single-wire serial interface bus low for at least 480μs. The PRESENCE
pulse lets the host know that there are one or more TMF0020 devices on the SDQ single-wire serial interface
bus.
6.5.3 ROM Commands
After the host detects the presence of one or more target devices on the SDQ single-wire serial interface bus,
the host can send one of the 8-bit ROM function commands that the TMF0020 supports depending on the use
case scenario. This section describes the scenarios where each of the ROM command can be issued. See
Figure 6-7 for the list of these commands.
6.5.3.1 READ ROM Command [33h]
The READ ROM command sequence (shown in Figure 6-8) starts with the host generating the RESET pulse of
at least 480μs. The device responds with a PRESENCE pulse. Next, the host continues by issuing the READ
ROM command, 33h, and then reads back the 8-bit Family code, 48-bit serial number followed by the 8-bit CRC
using the READ signaling (see the Section 6.5.5.2 section) during the data frame. The READ ROM command
can be issued by the host only if there is a single TMF0020 device on the SDQ single-wire serial interface bus. If
the host issues the command when there are more than 1 target device on the SDQ single-wire serial interface
bus, then a data collision occurs since all the target devices try to respond to the host. The host can identify the
data collision by comparing the CRC from the READ ROM sequence with the computed CRC, which results in a
mismatch.
0
1
1
0
0
0
1
1
CRC (1 BYTE)
Reset
and
Presence
Signals
Read ROM (33h)
Family Code and Identification
Number (7 BYTES)
Figure 6-8. READ ROM Sequence
6.5.3.2 MATCH ROM Command [55h]
When there are multiple targets on the bus, the Match ROM command, 55h, is used by the host to select a
specific target device when the family code and identification number is known. The host issues the Match ROM
command followed by the family code, serial number, and the CRC byte. The target device that matches the
64-bit serial ID is selected and available to perform subsequent memory function commands. The MATCH ROM
command can also be used with a single TMF0020 on the bus.
www.ti.com
TMF0020
SLVSJQ4 – MAY 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TMF0020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com