Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMPS05 Datasheet (PDF) - TRACO Electronic AG

TMPS05 Datasheet PDF - TRACO Electronic AG
Part # TMPS05
Download  TMPS05 Download
File Size   1014.55 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Power Supply TMPS 05 Series, 5 Watt

TMPS05 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMPS05 Datasheet PDF - TRACO Electronic AG

Part # TMPS05
Download  TMPS05 Click to download

File Size   1014.55 Kbytes
Page   5 Pages
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG
Description AC/DC Power Supply TMPS 05 Series, 5 Watt

TMPS05 Datasheet (HTML) - TRACO Electronic AG


TMPS05 Product details

• PCB Power module in 1" x 1" package
• Certified to IEC/EN 60335-1 for
household appliance
• No load input power <300 mW to
comply with ErP directive
• Operating temperature range –25°C to
+70°C
• EMI meets EN 55022 class B and EN
55014-1
• Protection class II prepared
• 3-year product warranty




Similar Part No. - TMPS05

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TMPS03 TRACOPOWER-TMPS03 Datasheet
1,010Kb / 5P
AC/DC Power Supply TMPS 03 Series, 3 Watt
Rev. March 16, 2023
TMPS03-103 TRACOPOWER-TMPS03-103 Datasheet
1,010Kb / 5P
AC/DC Power Supply TMPS 03 Series, 3 Watt
Rev. March 16, 2023
TMPS03-105 TRACOPOWER-TMPS03-105 Datasheet
1,010Kb / 5P
AC/DC Power Supply TMPS 03 Series, 3 Watt
Rev. March 16, 2023
TMPS03-109 TRACOPOWER-TMPS03-109 Datasheet
1,010Kb / 5P
AC/DC Power Supply TMPS 03 Series, 3 Watt
Rev. March 16, 2023
TMPS03-112 TRACOPOWER-TMPS03-112 Datasheet
1,010Kb / 5P
AC/DC Power Supply TMPS 03 Series, 3 Watt
Rev. March 16, 2023
More results


Similar Description - TMPS05

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PX500 CANDD-PX500 Datasheet
154Kb / 4P
500 WATT AC/DC POWER SUPPLY
SX400 CANDD-SX400 Datasheet
166Kb / 4P
400 WATT AC/DC POWER SUPPLY
logo
ETA-USA
AOPS100 ETA-USA-AOPS100 Datasheet
2Mb / 7P
100 Watt AC/DC Power Supply
DAC25-SX ETA-USA-DAC25-SX Datasheet
2Mb / 4P
25 Watt AC/DC Power Supply
logo
TRACO Electronic AG
TMF05 TRACOPOWER-TMF05 Datasheet
2Mb / 4P
AC/DC Medical Power Supply TMF 05 Series, 5 Watt
Rev. January 25, 2023
TMPS03 TRACOPOWER-TMPS03 Datasheet
1,010Kb / 5P
AC/DC Power Supply TMPS 03 Series, 3 Watt
Rev. March 16, 2023
TMPS10 TRACOPOWER-TMPS10 Datasheet
1Mb / 4P
AC/DC Power Supply TMPS 10 Series, 10 Watt
Rev. March 16, 2023
TMPS15 TRACOPOWER-TMPS15 Datasheet
1Mb / 4P
AC/DC Power Supply TMPS 15 Series, 15 Watt
Rev. March 16, 2023
TMPW5-J TRACOPOWER-TMPW5-J Datasheet
940Kb / 4P
AC/DC Power Supply TMPW 5-J Series, 5 Watt
Rev. November 30, 2022
TMPW5 TRACOPOWER-TMPW5 Datasheet
963Kb / 4P
AC/DC Power Supply TMPW 5 Series, 5 Watt
Rev. November 30, 2022
More results




About TRACO Electronic AG


TRACO Electronic AG is a Swiss company that specializes in the design and manufacturing of high-quality power supplies. The company was founded in 1983 and is headquartered in Baar, Switzerland.

TRACO Electronic AG offers a wide range of standard and custom power supply solutions, including AC/DC power supplies, DC/DC converters, and DC/AC inverters. These products are designed for a variety of applications, including industrial automation, medical equipment, transportation, and telecommunications.

TRACO Electronic AG is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of quality and reliability, and are manufactured using the latest technology and materials. TRACO Electronic AG has a global presence, with offices and manufacturing facilities located in Europe, Asia, and North America. The company also has a strong network of distributors and sales representatives, ensuring that its products are available worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com