Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX400 Datasheet (PDF) - C&D Technologies

SX400 Datasheet PDF - C&D Technologies
Part # SX400
Download  SX400 Download
File Size   166.66 Kbytes
Page   4 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 400 WATT AC/DC POWER SUPPLY

SX400 Datasheet (PDF)

Go To PDF Page Download Datasheet
SX400 Datasheet PDF - C&D Technologies

Part # SX400
Download  SX400 Click to download

File Size   166.66 Kbytes
Page   4 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 400 WATT AC/DC POWER SUPPLY

SX400 Datasheet (HTML) - C&D Technologies


SX400 Product details

DESCRIPTION

The SX400 is a compact 400 watt Power Factor Corrected, single output power supply. Active current sharing circuitry with ORing diodes, together with control functions and alarm options, simplifies N+1 and redundant applications.



FEATURES

Active Power Factor Correction

Active Current Sharing With ORing Diodes

FCC/VDE Class B EMI Filter

Optional Active Inrush Current Limit

Compact Size: 10” x 4.85” x 2.19”

Optional SCR Crowbar

Optional Cover With Fan




Similar Part No. - SX400

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
SX400 CANDD-SX400 Datasheet
128Kb / 4P
AC/DC POWER SUPPLY
More results


Similar Description - SX400

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PX400 CANDD-PX400 Datasheet
164Kb / 4P
400 WATT AC/DC POWER SUPPLY
PX401 CANDD-PX401 Datasheet
165Kb / 4P
400 WATT AC/DC POWER SUPPLY
PX500 CANDD-PX500 Datasheet
154Kb / 4P
500 WATT AC/DC POWER SUPPLY
logo
Wall Industries,Inc.
PSRL5016E4 WALL-PSRL5016E4 Datasheet
243Kb / 3P
Active PFC 400 Watt Single Output AC/DC Switching Power Supply
PSRL5016U4 WALL-PSRL5016U4 Datasheet
243Kb / 3P
Active PFC 400 Watt Single Output AC/DC Switching Power Supply
logo
Murata Manufacturing Co...
CEF400-112C MURATA-CEF400-112C Datasheet
583Kb / 3P
400 Watt Open Frame Single Output AC/DC Switching Power Supply
logo
Murata Power Solutions ...
CEF400-112C MURATA-PS-CEF400-112C Datasheet
215Kb / 3P
400 Watt Open Frame Single Output AC/DC Switching Power Supply
logo
ETA-USA
AOPS100 ETA-USA-AOPS100 Datasheet
2Mb / 7P
100 Watt AC/DC Power Supply
DAC25-SX ETA-USA-DAC25-SX Datasheet
2Mb / 4P
25 Watt AC/DC Power Supply
OAC10-3.3 ETA-USA-OAC10-3.3 Datasheet
1Mb / 3P
10 Watt AC/DC Power Supply
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com