Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PX400 Datasheet (PDF) - C&D Technologies

PX400 Datasheet PDF - C&D Technologies
Part # PX400
Download  PX400 Download
File Size   164.92 Kbytes
Page   4 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 400 WATT AC/DC POWER SUPPLY

PX400 Datasheet (PDF)

Go To PDF Page Download Datasheet
PX400 Datasheet PDF - C&D Technologies

Part # PX400
Download  PX400 Click to download

File Size   164.92 Kbytes
Page   4 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 400 WATT AC/DC POWER SUPPLY

PX400 Datasheet (HTML) - C&D Technologies


PX400 Product details

DESCRIPTION

The PX400 is a compact 400 watt Power Factor Corrected, multiple output power supply. All outputs are fully isolated and regulated. Active current sharing circuitry, together with control functions and alarm options, simplifies N+1 and redundant applications. Fan and disk drive applications are handled by the peak current ratings of the auxiliary outputs.



FEATURES

● Active Power Factor Correction

● High Surge Current Auxiliary Outputs

● FCC/VDE Class B EMI Filter

● Fully Isolated and Regulated Outputs

● Compact Size: 10” x 4.85” x 2.19”

● One, Two, Three and Four Output Models

● Optional Cover With Fan



 




Similar Part No. - PX400

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PX400/402-U3A CANDD-PX400/402-U3A Datasheet
116Kb / 4P
AC/DC Power Supply
PX400/402-U3B CANDD-PX400/402-U3B Datasheet
116Kb / 4P
AC/DC Power Supply
PX400/402-U4C CANDD-PX400/402-U4C Datasheet
116Kb / 4P
AC/DC Power Supply
PX400/402-U4D CANDD-PX400/402-U4D Datasheet
116Kb / 4P
AC/DC Power Supply
PX400/402-U4E CANDD-PX400/402-U4E Datasheet
116Kb / 4P
AC/DC Power Supply
More results


Similar Description - PX400

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
PX401 CANDD-PX401 Datasheet
165Kb / 4P
400 WATT AC/DC POWER SUPPLY
PX500 CANDD-PX500 Datasheet
154Kb / 4P
500 WATT AC/DC POWER SUPPLY
SX400 CANDD-SX400 Datasheet
166Kb / 4P
400 WATT AC/DC POWER SUPPLY
logo
Wall Industries,Inc.
PSRL5016E4 WALL-PSRL5016E4 Datasheet
243Kb / 3P
Active PFC 400 Watt Single Output AC/DC Switching Power Supply
PSRL5016U4 WALL-PSRL5016U4 Datasheet
243Kb / 3P
Active PFC 400 Watt Single Output AC/DC Switching Power Supply
logo
Murata Manufacturing Co...
CEF400-112C MURATA-CEF400-112C Datasheet
583Kb / 3P
400 Watt Open Frame Single Output AC/DC Switching Power Supply
logo
Murata Power Solutions ...
CEF400-112C MURATA-PS-CEF400-112C Datasheet
215Kb / 3P
400 Watt Open Frame Single Output AC/DC Switching Power Supply
logo
ETA-USA
AOPS100 ETA-USA-AOPS100 Datasheet
2Mb / 7P
100 Watt AC/DC Power Supply
DAC25-SX ETA-USA-DAC25-SX Datasheet
2Mb / 4P
25 Watt AC/DC Power Supply
OAC10-3.3 ETA-USA-OAC10-3.3 Datasheet
1Mb / 3P
10 Watt AC/DC Power Supply
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com